Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G99DP Datasheet(PDF) 16 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G99DP
Description  Ultra-configurable multiple function gate; 3-state
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G99DP Datasheet(HTML) 16 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G99DP Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G99DP Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G99DP Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC1G99DP Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC1G99DP Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC1G99DP Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC1G99DP Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74LVC1G99DP Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74LVC1G99DP Datasheet HTML 20Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Nexperia
74LVC1G99
Ultra-configurable multiple function gate; 3-state
11.1. Waveforms and test circuit
001aah341
tPLH
tPHL
tPHL
VM
VM
VM
VM
VM
VI
GND
A, B, C, D input
Y output
Y output
VOH
VOL
VOH
VOL
VM
tPLH
Measurement points are given in Table 26.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 24. The data input (A, B, C, D) to output (Y) propagation delays
mna644
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Measurement points are given in Table 26.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 25. 3-state enable and disable times
Table 26. Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
1.65 V to 1.95 V
0.5VCC
0.5VCC
VOL + 0.15 V
VOH - 0.15 V
2.3 V to 2.7 V
0.5VCC
0.5VCC
VOL + 0.15 V
VOH - 0.15 V
2.7 V
1.5 V
1.5 V
VOL + 0.3 V
VOH - 0.3 V
3.0 V to 3.6 V
1.5 V
1.5 V
VOL + 0.3 V
VOH - 0.3 V
4.5 V to 5.5 V
0.5VCC
0.5VCC
VOL + 0.3 V
VOH - 0.3 V
74LVC1G99
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 11 — 25 July 2019
16 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com