Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C30659-1550-R2A Datasheet(PDF) 8 Page - PerkinElmer Optoelectronics

Part # C30659-1550-R2A
Description  Silicon and InGaAs APD Preamplifier Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

C30659-1550-R2A Datasheet(HTML) 8 Page - PerkinElmer Optoelectronics

  C30659-1550-R2A Datasheet HTML 1Page - PerkinElmer Optoelectronics C30659-1550-R2A Datasheet HTML 2Page - PerkinElmer Optoelectronics C30659-1550-R2A Datasheet HTML 3Page - PerkinElmer Optoelectronics C30659-1550-R2A Datasheet HTML 4Page - PerkinElmer Optoelectronics C30659-1550-R2A Datasheet HTML 5Page - PerkinElmer Optoelectronics C30659-1550-R2A Datasheet HTML 6Page - PerkinElmer Optoelectronics C30659-1550-R2A Datasheet HTML 7Page - PerkinElmer Optoelectronics C30659-1550-R2A Datasheet HTML 8Page - PerkinElmer Optoelectronics C30659-1550-R2A Datasheet HTML 9Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www .optoelectr onics.perkinelmer.com
C30659-900-1060-1550nm Series
C30659-900-1060-1550nm Series
Page 8
Table 4. Absolute - Maximum Ratings, Limiting Values
C30659-900
C30659-1060
C30659-1550
(Si)
(Si)
(InGaAs)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Photodiode Bias Voltage:
At TA = +70°C
-
-
600
-
-
600
-
-
100
V
At TA = - 40°C
-
-
300
-
-
300
-
-
50
V
Incident Radiant Flux
Φ
M
average
-
-
0.11
-
-
0.11
-
-
21
mW
peak
-
-
502
-
-
502
-
-
502
mW
Case Temperature:
Storage, Tstg
-50
-
100
-50
-
100
-50
-
100
°C
Operating, TA
-40
-
70
-40
-
70
-40
-
70
°C
Preamplifier Voltage:
-4.5
-
-5.5
-4.5
-
-5.5
-4.5
-
-5.5
V
Notes:
1. Based on 0.5W electrical power on high voltage supply.
2. Test with pulse width of 50 ns.
Figure 5. Mechanical Characteristics
PIN CONNECTIONS
1: Signal Output
2: No Connection
3: -Vcc Negative Amplifier Bias
4: Positive high voltage
5: No Connection
6: Case Ground
7: No Connection
8: Temp. Sensing Diode - Anode
9: Temp. Sensing Diode - Cathode
10: Ground, DC returns
11: No Connection
12: +Vcc Positive Amplifier Bias
117142_C30659.qxd
6/21/04
2:33 PM
Page 8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com