Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U74CBTLV3251G-P16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74CBTLV3251G-P16-R
Description  LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBTLV3251G-P16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74CBTLV3251G-P16-R Datasheet HTML 1Page - Unisonic Technologies U74CBTLV3251G-P16-R Datasheet HTML 2Page - Unisonic Technologies U74CBTLV3251G-P16-R Datasheet HTML 3Page - Unisonic Technologies U74CBTLV3251G-P16-R Datasheet HTML 4Page - Unisonic Technologies U74CBTLV3251G-P16-R Datasheet HTML 5Page - Unisonic Technologies U74CBTLV3251G-P16-R Datasheet HTML 6Page - Unisonic Technologies U74CBTLV3251G-P16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
U74CBTLV3251
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-D66.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
CONDITIONS
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 4.6
V
Input Voltage
VIN
-0.5 ~ 4.6
V
Continuous Channel Through
VCC or GND
128
mA
Input Clamp Current
IIK
VIO<0
-50
mA
Storage Temperature Range
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SSOP-16
θJA
90
°C/W
TSSOP-16
115
°C/W
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2.3
3.6
V
High-control input voltage
VIH
VCC=2.3V~2.7V
1.7
V
VCC=2.7V~3.6V
2
Low-control input voltage
VIL
VCC=2.3V~2.7V
0.7
V
VCC=2.7V~3.6V
0.8
Operating Temperature
TA
-40
+125
°C
Note: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation.
ELECTRICAL CHARACTERISTICS (unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
TA=25°C
TA=-40°C~+125°C
UNIT
MIN TYP MAX MIN TYP MAX
Digital Input Diode Voltage
VIK
VCC =3V, II=-18mA
-1.2
-1.2
V
Input Leakage Current
II
VCC=3.6V, VI=VCC or GND
±1
±20
μA
Power off Leakage Current
IOFF
VCC=0, VI or VO=0 to 3.6V
±20
±50
μA
Quiescent Supply Current
ICC
VCC=3.6V, VI= VCC or GND,
IO=0
10
50
μA
Additional
Quiescent
Supply Current
(Note 1)
Control
Inputs
△ ICC
VCC=3.6V, One input at 3V,
Other inputs at VCC or GND
300
2000
μA
Resistor between two
ports
(Note 2)
RON
VCC=2.3V
TYP at
VCC=2.5V
VI=0
II=64mA
5
8
15
Ω
II=24mA
5
8
15
Ω
VI=1.7V II=-15mA
27
40
60
Ω
VCC=3V
VI=0V
II=64mA
5
7
11
Ω
II=24mA
5
7
11
Ω
VI=2.4V II=-15mA
10
15
26
Ω
Notes: 1.This is the increase in supply current for each input that is at the specified voltage level, rather than VCC or
GND.
2. Measured by the voltage drop between the A and the B terminals at the indicated current through the
switch. On-state resistance is determined by the lower of the voltages of the two (A or B) terminals.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com