Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U74CBTLV3251G-P16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74CBTLV3251G-P16-R
Description  LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBTLV3251G-P16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74CBTLV3251G-P16-R Datasheet HTML 1Page - Unisonic Technologies U74CBTLV3251G-P16-R Datasheet HTML 2Page - Unisonic Technologies U74CBTLV3251G-P16-R Datasheet HTML 3Page - Unisonic Technologies U74CBTLV3251G-P16-R Datasheet HTML 4Page - Unisonic Technologies U74CBTLV3251G-P16-R Datasheet HTML 5Page - Unisonic Technologies U74CBTLV3251G-P16-R Datasheet HTML 6Page - Unisonic Technologies U74CBTLV3251G-P16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74CBTLV3251
Advance
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2023 Unisonic Technologies Co., Ltd
QW-R502-D66.b
LOW-VOLTAGE 1-OF-8 FET
MULTIPLEXER/DEMULTIPLEXER
DESCRIPTION
The U74CBTLV3251 device is a 1-of-8 high-speed FET
multiplexer/demultiplexer. The low on-state resistance of the switch
allows connections to be made with minimal propagation delay.
The select inputs (S0, S1, S2) control the data flow. The FET
multiplexers/demultiplexers are disabled when the output-enable ( OE )
input is high.
This device is fully specified for partial-power-down applications
using IOFF. The IOFF feature ensures that damaging current will not
backflow through the device when it is powered down. The device has
isolation during power off.
To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pull-up resistor; the
minimum value of the resistor is determined by the current-sinking
capability of the driver.
FEATURES
* 5Ω Switch Connection Between Two Ports
* Rail-to-Rail Switching on Data I/O Ports
* IOFF Supports Partial-Power-Down Mode Operation
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74CBTLV3251L-R16-R
U74CBTLV3251G-R16-R
SSOP-16
Tape Reel
U74CBTLV3251L-P16-R
U74CBTLV3251G-P16-R
TSSOP-16
Tape Reel
MARKING


Similar Part No. - U74CBTLV3251G-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CBTLV3125 UTC-U74CBTLV3125 Datasheet
207Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3125G-P14-R UTC-U74CBTLV3125G-P14-R Datasheet
207Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3125G-P14-R UTC-U74CBTLV3125G-P14-R Datasheet
217Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3125G-P14-T UTC-U74CBTLV3125G-P14-T Datasheet
207Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3125L-P14-R UTC-U74CBTLV3125L-P14-R Datasheet
207Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
More results

Similar Description - U74CBTLV3251G-P16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3251 TI-SN74CBT3251 Datasheet
365Kb / 12P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3251 TI-SN74CBTLV3251 Datasheet
380Kb / 12P
LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK Datasheet
94Kb / 7P
1-of-8 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBTLV3251 TI-SN74CBTLV3251_07 Datasheet
739Kb / 17P
LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK_07 Datasheet
171Kb / 7P
1-of-8 FET Multiplexer/Demultiplexer
TC7MB3251FT TOSHIBA-TC7MB3251FT Datasheet
130Kb / 8P
1-of-8 FET Multiplexer/Demultiplexer
logo
Texas Instruments
74CBTLV3251PWRG4 TI-74CBTLV3251PWRG4 Datasheet
911Kb / 19P
LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251 Datasheet
196Kb / 6P
1-OF-8 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3251 UTC-U74CBT3251_15 Datasheet
224Kb / 6P
1-OF-8 FET MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3251 NEXPERIA-CBT3251 Datasheet
227Kb / 11P
1-of-8 FET multiplexer/demultiplexer
Rev. 4 - 24 March 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com