Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC505-20/P Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC16LC505-20/P
Description  14-Pin, 8-Bit CMOS Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC505-20/P Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC16LC505-20/P Datasheet HTML 65Page - Microchip Technology PIC16LC505-20/P Datasheet HTML 66Page - Microchip Technology PIC16LC505-20/P Datasheet HTML 67Page - Microchip Technology PIC16LC505-20/P Datasheet HTML 68Page - Microchip Technology PIC16LC505-20/P Datasheet HTML 69Page - Microchip Technology PIC16LC505-20/P Datasheet HTML 70Page - Microchip Technology PIC16LC505-20/P Datasheet HTML 71Page - Microchip Technology PIC16LC505-20/P Datasheet HTML 72Page - Microchip Technology PIC16LC505-20/P Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40192A-page 69
PIC16C505
12.0
PACKAGING INFORMATION
12.1
Package Marking Information
Legend: MM...M
Microchip part number information
XX...X
Customer specific information*
AA
Year code (last 2 digits of calendar year)
BB
Week code (week of January 1 is week ‘01’)
C
Facility code of the plant at which wafer is manufactured
O = Outside Vendor
C = 5” Line
S = 6” Line
H = 8” Line
D
Mask revision number
E
Assembly code of the plant or country of origin in which
part was assembled
Note:
In the event the full Microchip part number cannot be marked on one line,
it will be carried over to the next line thus limiting the number of available
characters for customer specific information.
*
Standard OTP marking consists of Microchip part number, year code, week
code, facility code, mask rev#, and assembly code. For OTP marking beyond
this, certain price adders apply.
Please check with your Microchip Sales
Office. For QTP devices, any special marking adders are included in QTP
price.
MMMMMMMMMMMMMM
XXXXXXXXXXXXXX
AABBCDE
14-Lead PDIP (300 mil)
Example
14-Lead SOIC (150 mil)
MMMMMMMMMM
AABBCDE
14-Lead Windowed Ceramic Side Brazed (300 mil)
MMMMMMM
MM
Example
Example
16C505-04I/P
BUILT 4 SPEED
9804SAZ
16C505-04I
9804SAZ
16C505
JW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com