Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC505-20/P Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC16LC505-20/P
Description  14-Pin, 8-Bit CMOS Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC505-20/P Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC16LC505-20/P Datasheet HTML 67Page - Microchip Technology PIC16LC505-20/P Datasheet HTML 68Page - Microchip Technology PIC16LC505-20/P Datasheet HTML 69Page - Microchip Technology PIC16LC505-20/P Datasheet HTML 70Page - Microchip Technology PIC16LC505-20/P Datasheet HTML 71Page - Microchip Technology PIC16LC505-20/P Datasheet HTML 72Page - Microchip Technology PIC16LC505-20/P Datasheet HTML 73Page - Microchip Technology PIC16LC505-20/P Datasheet HTML 74Page - Microchip Technology PIC16LC505-20/P Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40192A-page 71
PIC16C505
Package Type:
K04-065 14-Lead Plastic Small Outline (SL) – Narrow, 150 mil
MIN
Dimension Limits
Mold Draft Angle Bottom
Mold Draft Angle Top
Lower Lead Width
Radius Centerline
Gull Wing Radius
Shoulder Radius
Chamfer Distance
Outside Dimension
Molded Package Width
Molded Package Length
Shoulder Height
Overall Pack. Height
Lead Thickness
Foot Angle
Foot Length
Standoff
Number of Pins
Pitch
β
α
c
B†
φ
X
A2
A1
A
n
p
E‡
R2
L1
L
R1
E1
D‡
Units
MAX
NOM
MIN
MAX
NOM
8
12
12
0.017
0.009
0
0
0.014
0.008
0.019
0.010
15
15
0.005
0.016
0.005
0.005
0.014
0.236
0.153
0.341
0.006
0.036
0.063
14
0.050
0.150
0.005
0.000
0.011
0
0.005
0.010
0.230
0.338
0.004
0.027
0.058
0.156
0.010
0.021
0.010
0.010
0.018
0.242
4
8
0.344
0.008
0.044
0.068
0.36
0.19
0
0
12
12
0.42
0.22
15
15
0.48
0.25
3.81
0.00
0.28
0.13
0.13
0.25
5.84
0
8.59
0.10
0.69
1.47
3.96
3.89
0.13
4
0.13
0.41
0.36
0.13
5.99
0.25
0.25
0.53
0.46
0.25
6.15
0.15
8.66
0.90
14
1.60
1.27
0.20
8.74
1.12
1.73
INCHES*
MILLIMETERS
n
1
2
R2
R1
D
p
B
E1
E
X
L1
L
c
β
45
°
φ
α
A1
A
A2
* Controlling Parameter.
† Dimension “B” does not include dam-bar protrusions. Dam-bar protrusions shall not exceed 0.003”
(0.076 mm) per side or 0.006” (0.152 mm) more than dimension “B.”
‡ Dimensions “D” and “E” do not include mold flash or protrusions. Mold flash or protrusions shall not
exceed 0.010” (0.254 mm) per side or 0.020” (0.508 mm) more than dimensions “D” or “E.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com