| Electronic Components Datasheet Search |
|
TMPR4925 Datasheet(PDF) 280 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4925 Datasheet(HTML) 280 Page - Toshiba Semiconductor |
|
280 / 590 page ![]() Chapter 10 PCI Controller 10-18 10.3.9.4 Data Transfer Mode The Transfer Mode field in the PDMAC Configuration register (PDMCFG.XFRMODE) selects a data transfer mode for a DMA transaction over the G-Bus. Transfer data size and when a transfer is started differ mode by mode. Table 10.3.7 shows the available data transfer modes. Mode 00 performs a single-beat transfer; Mode 01 performs a burst transfer. In either mode, the PDMAC reads data from the source address, and after the read cycles are complete, writes the data to the destination address. Source read and destination write cycles do not overlap. Table 10.3.7 Data Transfer Modes G-Bus to the PCI bus PDMCFG.X FRMODE Free FIFO Space Required for G-Bus Read Accesses (DWORDs) Number of DWORDs Read from the G-Bus Number of DWORDs required in FIFO for PCI Bus Write Accesses Number of DWORDs Written to the PCI Bus Overlaps of PCI Bus and G-Bus Cycles 00 1 1 1 1 None 01 16 16 (Burst) *1 16 16 (Burst) None PCI Bus to the G-Bus PDMCFG.X FRMODE Free FIFO Space Required for G-Bus Write Accesses (DWORDs) Number of DWORDs Written to the G-Bus Number of DWORDs Required in FIFO for PCI Bus Read Accesses Number of DWORDs Read from the PCI Bus Overlaps of PCI Bus and G-Bus Cycles 00 1 1 1 1 None 01 16 16 (Burst) *1 16 16 (Burst) None *1: The last DMA transfer consists of less than 16 DWORDs if the data to be transferred is not a multiple of 16 DWORDs. Note: The amount of data transferred varies, depending on the number of DWORDs present in the FIFO. 10.3.10 Error Detection, Interrupt Reporting The PCI Controller reports the four following types of interrupts to the Interrupt Controller (IRC). • Normal Operation Interrupt (Interrupt Number: 20, PCIC) • PDMAC Interrupt (Interrupt Number: 19, PDMAC) • Power Management Interrupt (Interrupt Number: 30, PCIPME) • Error Detection Interrupt (Interrupt Number: 29, PCIERR) When each cause is detected, an interrupt is reported if the corresponding Status bit is set, and the corresponding Interrupt Enable Bit is set. The following tables list the name of each interrupt cause, the Status bit, and the Interrupt Enable bit. Please refer to the explanation of each Status bit for more information regarding each interrupt cause. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |