Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4100 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 3 Page - Linear Technology

  LTC4100 Datasheet HTML 1Page - Linear Technology LTC4100 Datasheet HTML 2Page - Linear Technology LTC4100 Datasheet HTML 3Page - Linear Technology LTC4100 Datasheet HTML 4Page - Linear Technology LTC4100 Datasheet HTML 5Page - Linear Technology LTC4100 Datasheet HTML 6Page - Linear Technology LTC4100 Datasheet HTML 7Page - Linear Technology LTC4100 Datasheet HTML 8Page - Linear Technology LTC4100 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC4100
3
sn4100 4100is
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 20V, VDD = 3.3V, VBAT = 12V unless otherwise noted. (Note 4)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Current Comparators ICMP and IREV
ITMAX
Maximum Current Sense Threshold (VCSP-VBAT)VITH = 2.4V
q
140
165
200
mV
ITREV
Reverse Current Threshold (VCSP-VBAT)– 30
mV
Current Sense Amplifier, CA2
Transconductance
1
mmho
Source Current
Measured at ITH, VITH = 1.4V
–40
µA
Sink Current
Measured at ITH, VITH = 1.4V
40
µA
Current Limit Amplifier
Transconductance
1.5
mmho
VCLP
Current Limit Threshold
q
93
100
107
mV
ICLP
CLP Input Bias Current
100
nA
Voltage Error Amplifier, EA
Transconductance
1
mmho
Sink Current
Measured at ITH, VITH = 1.4V
36
µA
OVSD
Overvoltage Shutdown Threshold as a Percent
q
102
107
110
%
of Programmed Charger Voltage
Input P-Channel FET Driver (INFET)
DCIN DetectionThreshold (VDCIN-VCLP)
DCIN Voltage Ramping Up
q
0.0
0.17
0.25
V
from VCLP-0.05V
Forward Regulation Voltage (VDCIN-VCLP)
q
25
50
mV
Reverse Voltage Turn-Off Voltage (VDCIN-VCLP)
q
–60
–25
mV
INFET “ON” Clamping Voltage (VDCIN-VINFET)IINFET = 1µA
q
5
5.8
6.5
V
INFET “OFF” Clamping Voltage (VDCIN-VINFET)IINFET = –25µA
0.25
V
Oscillator
fOSC
Regulator Switching Frequency
255
300
345
kHz
fMIN
Regulator Switching Frequency in Drop Out
Duty Cycle
≥ 98%
20
25
kHz
DCMAX
Regulator Maximum Duty Cycle
VCSP = VBAT
98
99
%
Gate Drivers (TGATE, BGATE)
VTGATE High (VCLN-VTGATE)ITGATE = –1mA
50
mV
VBGATE High
IBGATE = –1mA
5.6
10
V
VTGATE Low (VCLN-VTGATE)ITGATE = 1mA
5.6
10
V
VBGATE Low
IBGATE = 1mA
50
mV
TGATE Transition Time
TGTR
TGATE Rise Time
CLOAD = 3000pF, 10% to 90%
50
110
ns
TGTF
TGATE Fall Time
CLOAD = 3000pF, 10% to 90%
50
100
ns
BGATE Transition Time
BGTR
BGATE Rise Time
CLOAD = 3000pF, 10% to 90%
40
90
ns
BGTF
BGATE Fall Time
CLOAD = 3000pF, 10% to 90%
40
80
ns
VTGATE at Shutdown (VCLN-VTGATE)ITGATE = –1µA
100
mV
VBGATE at Shutdown
ITGATE = 1µA
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com