Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4100 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 2Page - Linear Technology LTC4100 Datasheet HTML 3Page - Linear Technology LTC4100 Datasheet HTML 4Page - Linear Technology LTC4100 Datasheet HTML 5Page - Linear Technology LTC4100 Datasheet HTML 6Page - Linear Technology LTC4100 Datasheet HTML 7Page - Linear Technology LTC4100 Datasheet HTML 8Page - Linear Technology LTC4100 Datasheet HTML 9Page - Linear Technology LTC4100 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC4100
6
sn4100 4100is
TGATE (Pin 1): Drives the Top External P-MOSFET of the
Battery Charger Buck Converter.
PGND (Pin 2): High Current Ground Return for BGATE
Driver.
BGATE (Pin 3): Drives the Bottom External N-MOSFET of
the Battery Charger Buck Converter.
INFET (Pin 4): Drives the Gate of the External Input
P-MOSFET.
DCIN (Pin 5): External DC Power Source Input.
CHGEN (Pin 6): Digital Bidirectional Pin to Enable Charger
Function. This pin is connected as a wired AND bus.
The following events will cause the POWER_FAIL bit in
the ChargerStatus register to become set:
1. An external device pulling the CHGEN signal to within
0.9V to GND;
2. The AC adapter voltage is not above the battery
voltage.
SMBALERT (Pin 7): Active Low Interrupt Output to Host
(referred to as the SMBALERT# signal in the SMBus
Revision 1.1 specification). Signals host that there has
been a change of status in the charger registers and that
the host should read the LTC4100 status registers to
determine if any action on its part is required. This signal
can be connected to the optional SMBALERT# line of the
SMBus. Open drain with weak current source pull-up to
VDD (with Schottky to allow it to be pulled to 5V externally).
SDA (Pin 8): SMBus Data Signal from Main (host-con-
trolled) SMBus. External pull-up resistor is required.
SCL (Pin 9): SMBus Clock Signal from Main (host-con-
trolled) SMBus. External pull-up resistor is required.
ACP (Pin 10): This Output Indicates the Value of the DCDIV
Comparator. It can be used to indicate whether AC is
present or not.
DCDIV (Pin 11): Supply Divider Input. This is a high
impedance comparator input with a 1.2V threshold (rising
edge) and hysteresis.
GND (Pin 12): Ground for Digital and Analog Circuitry.
PI FU CTIO S
ILIM (Pin 13): An external resistor is connected between
this pin and GND. The value of the external resistor
programs the range and resolution of the programmed
charger current.
VLIM (Pin 14): An external resistor is connected between
this pin and GND. The value of the external resistor
programs the range and resolution of the charging volt-
age.
THB (Pin 15): SafetySignal Force/Sense Pin to Smart
Battery. See description of operation for more detail. The
maximum allowed combined capacitance on THA, THB
and SafetySignal is 1nF (see Figure 4). A series resistor
54.9k needs to be connected between this pin and the
battery’s SafetySignal for this circuit to work correctly.
THA (Pin 16): SafetySignal Force/Sense Pin to Smart
Battery. See description of operation for more detail. The
maximum allowed combined capacitance on THA, THB
and SafetySignal is 1nF (see Figure 4). A series resistor
1130
Ω needs to be connected between this pin and the
battery’s SafetySignal for this circuit to work correctly.
VDD (Pin 17): Power Supply Input for the LTC4100 Digital
Circuitry. Bypass this pin with 0.1
µF. Typically between
3.3V and 5VDC.
VSET (Pin 18): Tap Point of the Programmable Resistor
Divider, which Provides Battery Voltage Feedback to the
Charger.
ITH (Pin 19): Control Signal of the Inner Loop of the
Current Mode PWM. Higher ITH corresponds to higher
charging current in normal operation. A 0.0015
µF capaci-
tor to GND filters out PWM ripple. Typical full-scale output
current is 40
µA. Nominal voltage range for this pin is 0V
to 3V.
IDC (Pin 20): Bypass to GND with a 0.082µF Capacitor.
CSP (Pin 21): Current Amplifier CA1 Input. This pin and
the BAT pin measure the voltage across the sense resistor,
RSENSE, to provide the instantaneous current signals re-
quired for both peak and average current mode operation.
BAT (Pin 22): Battery Sense Input and the Negative
Reference for the Current Sense Resistor. A bypass ca-
pacitor of at least 10
µF is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com