Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC3G04DP Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74HC3G04DP
Description  Triple inverter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC3G04DP Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74HC3G04DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC3G04DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC3G04DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC3G04DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC3G04DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC3G04DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC3G04DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC3G04DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC3G04DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
74HC3G04; 74HCT3G04
Triple inverter
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ Max
Min
Max
Min
Max
Unit
74HCT3G04
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
-
0.8
V
VI = VIH or VIL
IO = -20 μA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
VOH
HIGH-level
output voltage
IO = -4.0 mA; VCC = 4.5 V
4.18 4.32
-
4.13
-
3.7
-
V
VI = VIH or VIL
IO = 20 μA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
VOL
LOW-level
output voltage
IO = 4.0 mA; VCC = 4.5 V
-
0.15 0.26
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND; VCC = 5.5 V
-
-
±0.1
-
±1.0
-
±1.0
μA
ICC
supply current per input pin; VCC = 5.5 V;
VI = VCC or GND; IO = 0 A;
-
-
1.0
-
10
-
20
μA
ΔICC
additional
supply current
per input;
VCC = 4.5 V to 5.5 V;
VI = VCC - 2.1 V; IO = 0 A
-
-
300
-
375
-
410
μA
CI
input
capacitance
-
1.5
-
-
-
-
-
pF
11. Dynamic characteristics
Table 8. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); all typical values are measured at Tamb = 25 °C; for test circuit see Fig. 6.
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ Max
Min
Max
Min
Max
Unit
74HC3G04
nA to nY; see Fig. 5
[1]
VCC = 2.0 V
-
22
75
-
90
-
110
ns
VCC = 4.5 V
-
8
15
-
18
-
22
ns
tpd
propagation
delay
VCC = 6.0 V
-
6
13
-
16
-
20
ns
see Fig. 5
[2]
VCC = 2.0 V
-
18
75
-
95
-
125
ns
VCC = 4.5 V
-
6
15
-
19
-
25
ns
tt
transition time
VCC = 6.0 V
-
5
13
-
16
-
20
ns
CPD
power
dissipation
capacitance
VI = GND to VCC
[3]
-
9
-
-
-
-
-
pF
74HC_HCT3G04
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
Rev. 5 — 26 November 2018
5 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com