Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC3G04DP Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC3G04DP
Description  Triple inverter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC3G04DP Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC3G04DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC3G04DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC3G04DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC3G04DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC3G04DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC3G04DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC3G04DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC3G04DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC3G04DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
74HC3G04; 74HCT3G04
Triple inverter
Rev. 5 — 26 November 2018
Product data sheet
1. General description
The 74HC3G04; 74HCT3G04 is a triple inverter. Inputs include clamp diodes. This enables the use
of current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• Input levels:
• For 74HC3G04: CMOS level
• For 74HCT3G04: TTL level
• Symmetrical output impedance
• High noise immunity
• Low power dissipation
• Balanced propagation delays
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HC3G04DP
74HCT3G04DP
-40 °C to +125 °C
TSSOP8 plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74HC3G04DC
74HCT3G04DC
-40 °C to +125 °C
VSSOP8 plastic very thin shrink small outline package;
8 leads; body width 2.3 mm
SOT765-1
4. Marking
Table 2. Marking codes
Type number
Marking code[1]
74HC3G04DP
H04
74HCT3G04DP
T04
74HC3G04DC
H04
74HCT3G04DC
T04
[1] The pin 1 indicator is located on the lower left corner of the device, below the marking code.


Similar Part No. - 74HC3G04DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC3G04DP PHILIPS-74HC3G04DP Datasheet
82Kb / 17P
Inverter
2003 Oct 30
74HC3G04DP NXP-74HC3G04DP Datasheet
91Kb / 13P
Inverter
Rev. 03-2 July 2008
logo
Nexperia B.V. All right...
74HC3G04DP-Q100 NEXPERIA-74HC3G04DP-Q100 Datasheet
213Kb / 12P
Triple inverter
74HC3G04DP-Q100 NEXPERIA-74HC3G04DP-Q100 Datasheet
212Kb / 12P
Triple inverter
Rev. 3 - 26 November 2018
More results

Similar Description - 74HC3G04DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
Triple inverter
Rev. 01-4 May 2004
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04 Datasheet
84Kb / 8P
Triple Inverter
August, 2002 ??Rev. 2
logo
NXP Semiconductors
74LVC3GU04 PHILIPS-74LVC3GU04 Datasheet
89Kb / 16P
TRIPLE INVERTER
Rev. 03-01 February 2005
logo
STMicroelectronics
74V2T04 STMICROELECTRONICS-74V2T04 Datasheet
124Kb / 7P
TRIPLE INVERTER
Jun-2003
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
Triple Inverter
logo
Texas Instruments
SN74AHC2GU04 TI1-SN74AHC2GU04 Datasheet
74Kb / 5P
TRIPLE INVERTER
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04_15 Datasheet
71Kb / 5P
Triple Inverter
March, 2015 ??Rev. 7
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
Triple inverter
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04_V01 Datasheet
327Kb / 12P
Triple Inverter
October, 2020 - Rev. 9
logo
Nexperia B.V. All right...
74HCT3G04-Q100 NEXPERIA-74HCT3G04-Q100 Datasheet
212Kb / 12P
Triple inverter
Rev. 3 - 26 November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com