Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AVC1T1004DP Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74AVC1T1004DP
Description  1-to-4 fan-out buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC1T1004DP Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74AVC1T1004DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AVC1T1004DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AVC1T1004DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AVC1T1004DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC1T1004DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC1T1004DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC1T1004DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AVC1T1004DP Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AVC1T1004DP Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Nexperia
74AVC1T1004
1-to-4 fan-out buffer
Table 11. Dynamic characteristics for temperature range -40 °C to +85 °C
Voltages are referenced to GND (ground = 0 V); for test circuit, see Fig. 5; for waveforms, see Fig. 3 and Fig. 4.
VCC(B)
1.2 V ± 0.1 V 1.5 V ± 0.1 V 1.8 V ± 0.15 V 2.5 V ± 0.2 V 3.3 V ± 0.3 V
Symbol [1] Parameter
Conditions
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit
VCC(A) = 1.1 V to 1.3 V
tpd
propagation
delay
A to Yn
0.9
14.7
0.8
11.2
0.7
9.9
0.6
8.8
0.6
8.5 ns
tdis
disable time OE to Yn
1.0
14.7
0.9
12.2
0.9
12.1
0.8
10.8
1.0
11.7 ns
ten
enable time OE to Yn
1.0
15.8
0.8
11.8
0.8
10.3
0.7
8.9
0.7
8.5 ns
VCC(A) = 1.4 V to 1.6 V
tpd
propagation
delay
A to Yn
0.8
13.2
0.7
9.5
0.6
8.2
0.5
6.7
0.5
6.2 ns
tdis
disable time OE to Yn
0.9
12.4
0.8
9.7
0.8
9.7
0.7
8.3
0.9
9.0 ns
ten
enable time OE to Yn
0.9
14.0
0.7
9.9
0.7
8.5
0.6
6.9
0.6
6.2 ns
VCC(A) = 1.65 V to 1.95 V
tpd
propagation
delay
A to Yn
0.8
12.5
0.7
8.9
0.6
7.6
0.5
6.1
0.5
5.4 ns
tdis
disable time OE to Yn
0.9
11.7
0.8
9.0
0.8
8.8
0.7
7.4
0.8
8.2 ns
ten
enable time OE to Yn
0.9
13.5
0.7
9.3
0.6
7.9
0.6
6.3
0.5
5.6 ns
VCC(A) = 2.3 V to 2.7 V
tpd
propagation
delay
A to Yn
0.8
12.0
0.6
8.3
0.6
6.9
0.5
5.4
0.4
4.7 ns
tdis
disable time OE to Yn
0.9
11.0
0.7
8.3
0.8
8.0
0.6
6.5
0.8
7.2 ns
ten
enable time OE to Yn
0.8
12.8
0.7
8.7
0.6
7.3
0.5
5.5
0.5
4.8 ns
VCC(A) = 3.0 V to 3.6 V
tpd
propagation
delay
A to Yn
0.8
11.6
0.6
8.0
0.5
6.5
0.5
5.1
0.4
4.4 ns
tdis
disable time OE to Yn
0.9
10.8
0.7
8.0
0.7
7.7
0.6
6.2
0.7
6.9 ns
ten
enable time OE to Yn
0.8
12.5
0.6
8.4
0.6
6.9
0.5
5.2
0.5
4.5 ns
[1] tpd is the same as tPLH and tPHL;
tdis is the same as tPLZ and tPHZ;
ten is the same as tPZL and tPZH.
74AVC1T1004
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 2 — 1 March 2021
7 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com