Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AVC1T1004DP Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74AVC1T1004DP
Description  1-to-4 fan-out buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC1T1004DP Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74AVC1T1004DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AVC1T1004DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AVC1T1004DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AVC1T1004DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AVC1T1004DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AVC1T1004DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC1T1004DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC1T1004DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC1T1004DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Nexperia
74AVC1T1004
1-to-4 fan-out buffer
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range
Name
Description
Version
74AVC1T1004DP
-40 °C to +125 °C
TSSOP10 plastic thin shrink small outline package; 10 leads;
body width 3 mm
SOT552-1
4. Marking
Table 2. Marking codes
Type number
Marking code
74AVC1T1004DP
Bc
5. Functional diagram
aaa-027814
Y4
Y3
Rpd
9
8
A
OE
2
4
VCC(A)
Rpd
VCC(B)
Y2
Y1
Rpd
7
6
Rpd
Fig. 1. Logic symbol
74AVC1T1004
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 2 — 1 March 2021
2 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com