Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF18030BLSR3 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF18030BLSR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF18030BLSR3 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF18030BLSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF18030BLSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF18030BLSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF18030BLSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF18030BLSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF18030BLSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF18030BLSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF18030BLSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
RF Device Data
Freescale Semiconductor
MRF18030BLR3 MRF18030BLSR3
TYPICAL CHARACTERISTICS
Figure 3. Wideband Gain and IRL at 30 W and
15 W Output Power
Figure 4. Output Power versus Frequency
Figure 5. Power Gain versus Output Power
Figure 6. Power Gain versus Output Power
Figure 7. Power Gain versus Output Power
Figure 8. Power Gain and Efficiency versus
Output Power
10
1850
−30
IRL @ 30 W
Gps @ 15 W
VDD = 26 Vdc
IDQ = 250 mA
T = 25_C
f, FREQUENCY (MHz)
Gps @ 30 W
IRL @ 15 W
11
−25
12
−20
13
−15
14
−10
15
−5
16
0
1900
1950
2000
2050
f, FREQUENCY (MHz)
2020
0
40
1880
Pin = 2 W
VDD = 26 Vdc
IDQ = 250 mA
T = 25_C
1 W
0.5 W
0.25 W
5
10
15
20
25
30
35
1900
1920
1940
1960
1980
2000
100
16
0.1
Pout, OUTPUT POWER (WATTS)
IDQ = 400 mA
300 mA
VDD = 26 Vdc
f = 1960 MHz
T = 25_C
200 mA
100 mA
15
14
13
12
11
10
110
85_C
100
15
0.1
T = 25_C
VDD = 26 Vdc
IDQ = 250 mA
f = 1960 MHz
Pout, OUTPUT POWER (WATTS)
55_C
14
13
12
11
10
9
110
0
100
16
0.1
Gps
h
VDD = 26 Vdc
IDQ = 250 mA
f = 1960 MHz
T = 25_C
Pout, OUTPUT POWER (WATTS)
15
14
13
12
11
10
50
40
30
20
10
60
110
100
15
VDD = 22 V
24 V
IDQ = 250 mA
f = 1960 MHz
T = 25_C
Pout, OUTPUT POWER (WATTS)
28 V
30 V
30 V
14
13
12
11
10
110
26 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com