Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LXP730 Datasheet(PDF) 39 Page - Intel Corporation

Part # LXP730
Description  Multi-Rate DSL Framer
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXP730 Datasheet(HTML) 39 Page - Intel Corporation

Back Button LXP730 Datasheet HTML 35Page - Intel Corporation LXP730 Datasheet HTML 36Page - Intel Corporation LXP730 Datasheet HTML 37Page - Intel Corporation LXP730 Datasheet HTML 38Page - Intel Corporation LXP730 Datasheet HTML 39Page - Intel Corporation LXP730 Datasheet HTML 40Page - Intel Corporation LXP730 Datasheet HTML 41Page - Intel Corporation LXP730 Datasheet HTML 42Page - Intel Corporation LXP730 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
Multi-Rate DSL Framer — LXP730
Datasheet
39
Figure 16. OSIO Timing
Table 14. OSIO Timing Specifications (See Figure 16)
Parameter
Sym
Min
Typ1
Max
Unit
Set-up time
tSU
--
20
ns
Hold time
tHT
10
-
-
-
Output delay
tD
--
80
ns
1. Typical figures are at 25° C and are for design aid only; not guaranteed and not subject to production testing.
TDATA Frame
12
3
11
14 15 16
OSIF
OSDICK
BIT_CLK
33
RDATA Frame
OSOF
OSDOCK
OSDI
t
SU
t
HT
t
D
2. Data waveforms exagerated with respect to clock to show timing details more clearly.
NOTE:
1. OSDICK and OSDOCK are shown for OH transparent setting, and both OH and Z bits tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com