Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3910 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 5 Page - Microchip Technology

  MCP3910 Datasheet HTML 1Page - Microchip Technology MCP3910 Datasheet HTML 2Page - Microchip Technology MCP3910 Datasheet HTML 3Page - Microchip Technology MCP3910 Datasheet HTML 4Page - Microchip Technology MCP3910 Datasheet HTML 5Page - Microchip Technology MCP3910 Datasheet HTML 6Page - Microchip Technology MCP3910 Datasheet HTML 7Page - Microchip Technology MCP3910 Datasheet HTML 8Page - Microchip Technology MCP3910 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
 2012-2020 Microchip Technology Inc.
DS20005116D-page 5
MCP3910
Internal Voltage Reference
Tolerance
VREF
1.176
1.2
1.224
V
VREFEXT = 0, TA = +25°C only
Temperature Coefficient
TCVREF
—9
—
ppm/°C TA = -45°C to +125°C,
VREFEXT = 0
Output Impedance
ZOUTVREF
—0.6
—
k
VREFEXT = 0
Internal Voltage Reference
Operating Current
AIDDVREF
—
54
—
µA
VREFEXT = 0,
SHUTDOWN[1:0] = 11
Voltage Reference Input
Input Capacitance
—
—
10
pF
Differential Input Voltage
Range (VREF+ – VREF-)
VREF
1.1
—
1.3
V
VREFEXT = 1
Absolute Voltage on
REFIN+ Pin
VREF+VREF-+1.1
—
VREF- + 1.3
V
VREFEXT = 1
Absolute Voltage on
REFIN- Pin
VREF-
-0.1
—
+0.1
V
REFIN- should be connected to
AGND when VREFEXT = 0
Master Clock Input
Master Clock Input
Frequency Range
fMCLK
—
20
MHz
CLKEXT = 1 (Note 7)
Crystal Oscillator Operating
Frequency Range
fXTAL
1
—
20
MHz
CLKEXT = 0 (Note 7)
Analog Master Clock
AMCLK
—
—
16
MHz
Note 7
Crystal Oscillator
Operating Current
DIDDXTAL
—
80
—
µA
CLKEXT = 0
Power Supply
Operating Voltage, Analog
AVDD
2.7
—
3.6
V
Operating Voltage, Digital
DVDD
2.7
—
3.6
V
Operating Current, Analog
(Note 3)
IDD,A
—
1.5
1.95
mA
BOOST[1:0] = 00
—
1.8
2.3
mA
BOOST[1:0] = 01
—
2.5
3.2
mA
BOOST[1:0] = 10
—
4.4
5.5
mA
BOOST[1:0] = 11
TABLE 1-1:
ANALOG SPECIFICATIONS (CONTINUED)
Electrical Specifications:
Unless otherwise indicated, all parameters apply at AVDD = DVDD = 3V, MCLK = 4 MHz;
PRE[1:0] = 00; OSR = 256; GAIN = 1; VREFEXT = 0, CLKEXT = 1, DITHER[1:0] = 11; BOOST[1:0] = 10, VCM =0V;
TA = -40°C to +125°C (Note 1); VIN =1.2 VPP = -0.5 dBFS @ 50/60 Hz on all channels.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
All specifications are valid down to -45°C operation.
2:
This specification implies that the ADC output is valid over this entire differential range and that there is no
distortion or instability across this input range. Dynamic Performance specified at -0.5 dB below the maximum
signal range, VIN =1.2 VPP = 424 mVRMS, VREF = 1.2V @ 50/60 Hz. See Section 4.0 “Terminology and
Formulas”
for definition. This parameter is established by characterization and not 100% tested.
3:
For these operating currents, the following Configuration bit settings apply: SHUTDOWN[1:0] = 00,
RESET[1:0] = 00, VREFEXT = 0, CLKEXT = 0.
4:
For these operating currents, the following Configuration bit settings apply: SHUTDOWN[1:0] = 11,
VREFEXT = 1, CLKEXT = 1.
5:
Applies to all gains. Offset and gain errors depend on PGA gain setting. See Section 2.0 “Typical
Performance Curves”
for typical performance.
6:
Outside this range, the ADC accuracy is not specified. An extended input range of ±2V can be applied
continuously to the part with no damage.
7:
For proper operation and for optimizing the ADC accuracy, AMCLK should be limited to the maximum
frequency, defined in Table 5-2, as a function of the BOOST and PGA setting chosen. MCLK can take larger
values as long as the prescaler settings (PRE[1:0]) limit AMCLK = MCLK/PRESCALE within the defined
range in Table 5-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com