Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY2273APVC-4 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2273APVC-4
Description  Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2273APVC-4 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2273APVC-4 Datasheet HTML 1Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 2Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 3Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 4Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 5Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 6Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 7Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 8Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CY2273A
4
• Output impedance: 25
Ω (typical) measured at 1.5V
Serial Configuration Map
• The Serial bits will be read by the clock driver in the following
order:
Byte 0 - Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte 1 - Bits 7, 6, 5, 4, 3, 2, 1, 0
.
.
Byte N - Bits 7, 6, 5, 4, 3, 2, 1, 0
• Reserved and unused bits should be programmed to “0”.
•I2C Address for the CY2273 is:
Actual Clock Frequency Values
Clock Output
Target
Frequency
(MHz)
Actual
Frequency
(MHz)
PPM
CPUCLK
66.67
66.654
–195
CPUCLK
60.0
60.0
0
CPUCLK
75.0
75.0
0
CPUCLK
83.33
83.138
–1947
USBCLK
48.0
48.008
167
Power Management Logic[3] - Active when MODE pin is held ‘LOW’
CPU_STOP
PCI_STOP
PWR_DWN
CPUCLK
PCICLK
PCICLK_F
Other
Clocks
Osc.
PLLs
X
X
0
Low
Low
Stopped
Stopped
Off
Off
0
0
1
Low
Low
Running
Running
Running
Running
0
1
1
Low
33/30 MHz
Running
Running
Running
Running
1
0
1
60/66/75/83 MHz
Low
Running
Running
Running
Running
1
1
1
60/66/75/83 MHz
30/33/30/33 MHz
Running
Running
Running
Running
A6
A5
A4
A3
A2
A1
A0
R/W
1101001
----
Byte 0: Functional and Frequency Select Clock
Register (1 = Enable, 0 = Disable)
Bit
Pin #
Description
Bit 7
--
(Reserved) drive to ‘0’
Bit 6
--
(Reserved) drive to ‘0’
Bit 5
--
(Reserved) drive to ‘0’
Bit 4
--
(Reserved) drive to ‘0’
Bit 3
--
(Reserved) drive to ‘0’
Bit 2
--
(Reserved) drive to ‘0’
Bit 1
Bit 0
--
Bit 1
1
1
0
0
Bit 0
1 - Three-State
0 - N/A
1 - Testmode
0 - Normal Operation
Select Functions
Functional Description
Outputs
-2 only
CPU
PCI, PCI_F
SDRAM
Ref
IOAPIC
USBCLK
AGP
Three-State
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Test Mode[5]
TCLK/2[4]
TCLK/4
TCLK/2
TCLK
TCLK
TCLK/2
TCLK/2
Notes:
3.
AGP clocks are driven on PCICLK5 and PCICLK4 on -2 option. These clocks behave similar to the PCICLK_F output, in that they are free-running and stop
only when the PWR_DWN pin is asserted. The frequency of the AGP clocks is as shown in the Function Table.
4.
TCLK supplied on the XTALIN pin in Test Mode.
5.
Valid only for SEL1=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com