Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY2273APVC-4 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2273APVC-4
Description  Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2273APVC-4 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY2273APVC-4 Datasheet HTML 4Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 5Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 6Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 7Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 8Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 9Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 10Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 11Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CY2273A
8
Switching Characteristics for CY2273A-3[8]Over the Operating Range
Parameter
Output
Description
Test Conditions
Min.
Typ.
Max.
Unit
t1
All
Output Duty Cycle[9]
t1 = t1A ÷ t1B
45
50
55
%
t2
CPUCLK,
IOAPIC
CPU and IOAPIC Clock
Rising and Falling Edge
Rate
Between 0.4V and 2.0V, VDDCPU = 2.5V
Between 0.4V and 2.4V, VDDCPU = 3.3V
0.75
1.0
4.0
V/ns
t2
REF0
USBCLK
REF0 and USBCLK Ris-
ing and Falling Edge Rate
Between 0.4V and 2.4V
1.0
4.0
V/ns
t2
SDRAM
PCI
SDRAM and PCI Clock
Rising and Falling Edge
Rate
Between 0.4V and 2.4V
0.85
1.0
4.0
V/ns
t3
CPUCLK
CPU Clock Rise Time
Between 0.4V and 2.0V, VDDCPU = 2.5V
Between 0.4V and 2.4V, VDDCPU = 3.3V
0.4
0.5
2.13
2.67
ns
t4
CPUCLK
CPU Clock Fall Time
Between 2.0V and 0.4V, VDDCPU = 2.5V
Between 2.4V and 0.4V, VDDCPU = 3.3V
0.4
0.5
2.13
2.67
ns
t5
CPUCLK
CPU-CPU Clock Skew
Measured at 1.25V, VDDCPU = 2.5V
Measured at 1.5V, VDDCPU = 3.3V
100
300
ps
t6
CPUCLK,
PCICLK
CPU-PCI Clock Skew
Measured at 1.25V for 2.5V clocks, and
at 1.5V for 3.3V clocks
900
ps
t7
CPUCLK,
SDRAM
CPU-SDRAM Clock
Skew
Measured at 1.25V for 2.5V clocks, and
at 1.5V for 3.3V clocks
600
ps
t8
PCICLK,
PCICLK
PCI-PCI Clock Skew
Measured at 1.5V
500
ps
t10
CPUCLK,
SDRAM
Cycle-Cycle Clock Jitter
Measured at 1.25V for 2.5V clocks, and
at 1.5V for 3.3V clocks
750
ps
t10
PCICLK
Cycle-Cycle Clock Jitter
Measured at 1.5V
500
ps
t11
CPUCLK,
PCICLK,
SDRAM
Power-up Time
CPU, PCI, AGP, and SDRAM clock sta-
bilization from power-up
3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com