Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

POC-IPSM90CS3 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # POC-IPSM90CS3
Description  24" Point-of-Care Terminal with 11th Generation Intel® Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

POC-IPSM90CS3 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  POC-IPSM90CS3 Datasheet HTML 1Page - Advantech Co., Ltd. POC-IPSM90CS3 Datasheet HTML 2Page - Advantech Co., Ltd. POC-IPSM90CS3 Datasheet HTML 3Page - Advantech Co., Ltd. POC-IPSM90CS3 Datasheet HTML 4Page - Advantech Co., Ltd. POC-IPSM90CS3 Datasheet HTML 5Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.advantech.com/products
Online Download
POC-624
1. Headphone-out
2. Mic-in
3. 2 x USB 2.0
4. 1 x PCIe x4 slot
5. Equipotential terminal pin
6. DC-in
7. 2 x USB 3.2 (Type A)
8. 2 x USB 3.2 (Type A)
9. 1 x USB 3.2 (Type C)
10. HDMI
11. 2 x Gigabit Ethernet
12. 2 x COM (RS-232)
13. Smart card reader (optional)
1. Headphone-out
2. Mic-in
3. 2 x USB 2.0
4. 1 x PCIe x4 slot
5. Equipotential terminal pin
6. 2 x USB 3.2 (Type A)
7. 2 x USB 3.2 (Type A)
8. 1 x USB Type-C
9. HDMI
10. 2 x Gigabit Ethernet
11. 2 x COM (RS-232)
12. AC-in
13. Smart card reader (optional)
I/O Ports (DC Model)
I/O Ports (AC Model)
1
1
5
5
7
7
9
9
13
13
3
3
11
11
2
2
4
4
6
6
8
8
10
12
10
12
Front Function Keys
1. Power button
2. Volume down/up
3. Touchscreen status control
4. Read light control
5. Brightness down/up
1
2
5
3 4
Unit: mm
Dimensions
583.38 ±1.0
66.42 ±1.0
100.00
75.00
3.40
Configuration To Order Service (CTOS)
Ordering Information (Barebone Units)
Part Number (DC Model)
Product Number (AC Model)
Descriptions
CPU
RAM
Touch SSD RFID
POC-624-12A110-CA
POC-624-02A110-CA
Intel® Core i7, clear glass with P-CAP touch, W/O RAM
and SSD
i7
NA
P-CAP NA
POC-624-12B110-CA
POC-624-02B110-CA
Intel® Core i5, clear glass with P-CAP touch, W/O RAM
and SSD
i5
NA
P-CAP NA
POC-624-12A110R-CA
POC-624-02A110R-CA
Intel® Core i7, clear glass with P-CAP touch, W/O RAM
and SSD, with RFID
i7
NA
P-CAP NA
Yes
POC-624-12B110R-CA
POC-624-02B110R-CA
Intel® Core i5, clear glass with P-CAP touch, W/O RAM
and SSD, with RFID
i5
NA
P-CAP NA
Yes
Component Offerings
Memory
Part Number
Description
SQR-SD4N4G3K2SNEFB
DDR4 3200 4GB 1.2v 512x8
SQR-SD4N8G3K2SNBCB
DDR4 3200 8GB 1.2v 1Gx8
SQR-SD4N16G3K2SNCB
DDR4 3200 16GB 1.2v 1Gx8
SQR-SD4N32G3K2SNAB
DDR4 3200 32GB 1.2v 2Gx8
SQR-SD4I4G3K2SNEFB
DDR4 3200 4GB 1.2v 512x8
SQR-SD4I8G3K2SNBCB
DDR4 3200 8GB 1.2v 1Gx8
SQR-SD4I16G3K2SNCB
DDR4 3200 16GB 1.2v 1Gx8
SQR-SD4I32G3K2SNAB
DDR4 3200 32GB 1.2v 2Gx8
M.2 2280 NVME SSD
Part Number
Description
SQF-C8BV2-128GDEDM SQF PCIe/NVMe M.2 2280 OPAL 720-D 128G 3D TLC
BiCS5
SQF-C8BV2-256GDEDM SQF PCIe/NVMe M.2 2280 OPAL 720-D 256G 3D TLC
BiCS5
SQF-C8BV2-512GDEDM SQF PCIe/NVMe M.2 2280 OPAL 720-D 512G 3D TLC
BiCS5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com