Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

POC-IPSM90CS3 Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # POC-IPSM90CS3
Description  24" Point-of-Care Terminal with 11th Generation Intel® Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

POC-IPSM90CS3 Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  POC-IPSM90CS3 Datasheet HTML 1Page - Advantech Co., Ltd. POC-IPSM90CS3 Datasheet HTML 2Page - Advantech Co., Ltd. POC-IPSM90CS3 Datasheet HTML 3Page - Advantech Co., Ltd. POC-IPSM90CS3 Datasheet HTML 4Page - Advantech Co., Ltd. POC-IPSM90CS3 Datasheet HTML 5Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
POC-624
Battery Module
Part Number
Description
POC-BAT-101-6A*
Backup battery (internal)
POC-BAT-201-62*
Hot-swapping battery module for POC-621/624
POC-IPSM90B2
Battery pack (2 x pcs) of POC power system
POC-IPSM90CS3
Charging station (3 x slots) of POC power system
*Choose either a backup battery or hot-swapping battery module.
Battery Pack Specification
Battery Pack Type
Lithium-ion battery
Battery Pack Capacity
90Wh
Total Capacity
180Wh (2 x batteries, 90W per battery)
Battery Runtime
6 ~ 8 hours
Battery Lifespan
300 cycle time 70%
Capacity Indicator
LED indicator with button
Weight
540g/1.2lb
*Backup battery is 1 piece.
*Hot swap batteries are 2 pieces.
Accessories
Hot-Swapping Battey Module
Backup Battery (Internal)
Charging Station
Battery Packs
LED Indicator
Battery module contains 2 x battery packs
2.5" SATA SSD and Mounting Kit
Part Number
Product Description
SQF-S25V2-128GCSBC SQF 2.5" SATA SSD128G 3D TLC (BiCS4)
SQF-S25V2-256GCSBC SQF 2.5" SATA SSD 256G 3D TLC (BiCS4)
SQF-S25V4-512GCSBC SQF 2.5" SATA SSD 512G 3D TLC (BiCS4)
SQF-S25V4-1TCSBC
SQF 2.5" SATA SSD 1T 3D TLC (BiCS4)
SQFFS25V8-2TSC
SQF 2.5" SATA FIPS SSD 2T 3D TLC (BiCS4)
Part Number
Part Description
Qty
1700024977-21
SATA Cable
1
1700022355-21
SATA Power Cable
1
1960097062N001
SSD Bracket
1
19330304A0
Screw
2
1930001361
Screw
2
193A231560
Pillar
2
1940003234
Gasket
1
Wi-Fi + BT Module
Part Number
Description
EWM-W165M201E
Intel® Dual Band Wireless-AX210 (Wi-Fi 6)
EWM-W165M203E
Power Cord
Region
Part Number
(DC Model)
Part Number
(AC Model)
USA (Thailand, Philippines)
1702002600
1700001524
Europe (Indonesia)
1702002605
170203183C
UK (Singapore, Malaysia)
1700018704
170203180A
Japan (PSE)
1700000237
1700008921
Recommended Mounting Solution
Model Name
ARES-2423R
Part Number
ARES-2423R-A741L00
Photo
Max. Support Weight
6 - 12kg
Max. Support Panel Size
27"
VESA Information
75 x 75 mm
100x100 mm
For more information, please clink this link: https://bit.ly/3T7dLMR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com