Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P0076CU Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPD75P0076CU
Description  MOS INTEGRATED CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P0076CU Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPD75P0076CU Datasheet HTML 1Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 2Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 3Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 4Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 5Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 6Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 7Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 8Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
µPD75P0076
2
Data Sheet U10232EJ1V1DS
Functional Outline
Parameter
Function
Instruction execution time
• 0.95, 1.91, 3.81, 15.3
µs (@ 4.19 MHz with main system clock)
• 0.67, 1.33, 2.67, 10.7
µs (@ 6.0 MHz with main system clock)
• 122
µs (@ 32.768 kHz with subsystem clock)
On-chip memory
PROM
16384 x 8 bits
RAM
512 x 4 bits
General-purpose register
• 4-bit operation: 8 x 4 banks
• 8-bit operation: 4 x 4 banks
Input/
CMOS input
12
Connections of on-chip pull-up resistors can be specified by software: 7
output
Also used for analog input pins: 4
port
CMOS input/output
12
Connections of on-chip pull-up resistors can be specified by software: 12
Also used for analog input pins: 4
N-ch open-drain
8
13-V withstand voltage
input/output pins
Total
32
Timer
4 channels
• 8-bit timer/event counter: 2 channels (can be used as the 16-bit timer/event counter)
• 8-bit basic interval timer/watchdog timer: 1 channel
• Watch timer: 1 channel
Serial interface
• 3-wire serial I/O mode ··· MSB or LSB can be selected for transferring first bit
• 2-wire serial I/O mode
A/D converter
8-bit resolution x 8 channels (1.8 V
≤ AVREF ≤ VDD)
Bit sequential buffer
16 bits
Clock output (PCL)
•
Φ, 1.05 MHz, 262 kHz, 65.5 kHz (@ 4.19 MHz with main system clock)
•
Φ, 1.5 MHz, 375 kHz, 93.8 kHz (@ 6.0 MHz with main system clock)
Buzzer output (BUZ)
• 2, 4, 32 kHz (@ 4.19 MHz with main system clock or
@ 32.768 kHz with subsystem clock)
• 2.93, 5.86, 46.9 kHz (@ 6.0 MHz with main system clock)
Vectored interrupts
External: 3, Internal: 4
Test input
External: 1, Internal: 1
System clock oscillator
• Ceramic or crystal oscillator for main system clock oscillation
• Crystal oscillator for subsystem clock oscillation
Standby function
STOP/HALT mode
Operating ambient temperature
TA = –40 to +85 ˚C
Power supply voltage
VDD = 1.8 to 5.5 V
Package
• 42-pin plastic shrink DIP (600 mil, 1.778-mm pitch)
• 42-pin plastic shrink SOP (375 mil, 0.8-mm pitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com