Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P068CU Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD75P068CU
Description  MOS INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P068CU Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD75P068CU Datasheet HTML 9Page - Renesas Technology Corp UPD75P068CU Datasheet HTML 10Page - Renesas Technology Corp UPD75P068CU Datasheet HTML 11Page - Renesas Technology Corp UPD75P068CU Datasheet HTML 12Page - Renesas Technology Corp UPD75P068CU Datasheet HTML 13Page - Renesas Technology Corp UPD75P068CU Datasheet HTML 14Page - Renesas Technology Corp UPD75P068CU Datasheet HTML 15Page - Renesas Technology Corp UPD75P068CU Datasheet HTML 16Page - Renesas Technology Corp UPD75P068CU Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
11
µPD75P068
VPP
VDD
VPP
VDD +1
VDD
VDD
X1
P40-P43
P50-P53
MD0
(P30)
MD1
(P31)
MD2
(P32)
MD3
(P33)
Data input
Data output
Data input
Write
Verify
Additional write
Address
increment
Repeat X times
3.2
WRITING TO THE PROGRAM MEMORY
The procedure for writing to program memory is described below; high-speed write is possible.
(1)
Connect all unused pins to VSS through resistors. Apply a low-level signal to the X1 pin.
(2)
Apply 5 V to VDD and VPP pins.
(3)
Wait 10
µs.
(4)
Select program memory address clear mode.
(5)
Apply +6 V to VDD and +12.5 V to VPP.
(6)
Select program inhibit mode.
(7)
Select write mode for 1 ms duration and write data.
(8)
Select program inhibit mode.
(9)
Select verify mode. If write is successful, proceed to step (10). If write fails, repeat steps (7) to (9).
(10) Perform additional write for (Number (X) of repetitions of steps (7) to (9))
× 1 ms duration.
(11) Select program inhibit mode.
(12) Increment the program memory address by inputting four pulses on the X1 pin.
(13) Repeat steps (7) to (12) until the last address is reached.
(14) Select program memory address clear mode.
(15) Apply 5 V to VDD and VPP pins.
(16) Turn the power off.
The timing for steps (2) to (12) is shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com