Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P068CU Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD75P068CU
Description  MOS INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P068CU Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD75P068CU Datasheet HTML 17Page - Renesas Technology Corp UPD75P068CU Datasheet HTML 18Page - Renesas Technology Corp UPD75P068CU Datasheet HTML 19Page - Renesas Technology Corp UPD75P068CU Datasheet HTML 20Page - Renesas Technology Corp UPD75P068CU Datasheet HTML 21Page - Renesas Technology Corp UPD75P068CU Datasheet HTML 22Page - Renesas Technology Corp UPD75P068CU Datasheet HTML 23Page - Renesas Technology Corp UPD75P068CU Datasheet HTML 24Page - Renesas Technology Corp UPD75P068CU Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
19
µPD75P068
Conditions
AC CHARACTERISTICS (Ta = -40 to +85
°C, VDD = 2.0 to 6.0 V)
Notes 1. The cycle time of the CPU clock (
Φ)
depends on the connected resonator
frequency, the system clock control
register (SCC), and the processor clock
control register (PCC).
The figure on the right side shows the
cycle time tCY characteristics for the
supply voltage VDD during main sys-
tem clock operation.
2. This value becomes 2tCY or 128/fX
according to the setting of the inter-
rupt mode register (IM0).
Parameter
Symbol
tCY
fTI
tTIH,
tTIL
tINTH,
tINTL
tRSL
CPU clock cycle time
(minimum instruction
execution time = 1
machine cycle)Note 1
TI0 input frequency
TI0 input high/low
level width
Interrupt input high/
low level width
RESET low level width
Min.
Typ.
Max.
Unit
122
64
64
125
1
275
µs
µs
µs
MHz
kHz
µs
µs
µs
µs
µs
µs
0.95
3.8
114
0
0
0.48
1.8
Note 2
10
10
10
VDD = 4.5 to 6.0 V
Operated by main
system clock
pulse
Operated by subsystem clock pulse
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V
INT0
INT1, INT2, and INT4
KR0 to KR3
70
64
60
6
5
4
3
2
1
0.5
01
2
3
4
5
6
Operation guaranteed
range
tCY vs VDD
(Main system clock in operation)
Power supply voltage VDD [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com