Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P308 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD75P308
Description  MOS INTEGRATED CIRCUIT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P308 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD75P308 Datasheet HTML 17Page - Renesas Technology Corp UPD75P308 Datasheet HTML 18Page - Renesas Technology Corp UPD75P308 Datasheet HTML 19Page - Renesas Technology Corp UPD75P308 Datasheet HTML 20Page - Renesas Technology Corp UPD75P308 Datasheet HTML 21Page - Renesas Technology Corp UPD75P308 Datasheet HTML 22Page - Renesas Technology Corp UPD75P308 Datasheet HTML 23Page - Renesas Technology Corp UPD75P308 Datasheet HTML 24Page - Renesas Technology Corp UPD75P308 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
µPD75P308
19
AC CHARACTERISTICS (Ta = -10 to + 70
°C, VDD = 5V ±5%)
Operation Other Than Serial Transfer
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
w/main system clock
w/subsystem clock
INT0
KR0-7, INT1, 2, 4
tCY
fTI
tTIH, tTIL
tINTH,
tINTL
tRSL
CPU Clock Cycle Time*1
(Minimum Instruction
Execution Time
= 1 Machine Cycle)
TI0 Input Frequency
TI0 Input High-, Low-Level
Widths
Interrupt Input High-, Low-Level
Widths
RESET Low-Level Width
0.95
64
µs
114
122
125
µs
0
1
MHz
0.48
µs
*2
µs
10
µs
10
µs
0
1
2
3
4
5
6
0.5
1
2
3
4
5
6
60
64
70
(with main system clock)
Supply voltage V
[V]
DD
t
vs V
cy
DD
* 1: The CPU clock (
Φ) cycle time is determined
by the oscillation frequency of the connected
oscillator, system clock control register
(SCC), and processor clock control register
(PCC).
The figure on the right is cycle time tCY vs.
supply voltage VDD characteristics at the
main system clock.
2: 2tCY or 128/fXX depending on the setting of
the interrupt mode register (IM0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com