Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P308 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD75P308
Description  MOS INTEGRATED CIRCUIT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P308 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD75P308 Datasheet HTML 24Page - Renesas Technology Corp UPD75P308 Datasheet HTML 25Page - Renesas Technology Corp UPD75P308 Datasheet HTML 26Page - Renesas Technology Corp UPD75P308 Datasheet HTML 27Page - Renesas Technology Corp UPD75P308 Datasheet HTML 28Page - Renesas Technology Corp UPD75P308 Datasheet HTML 29Page - Renesas Technology Corp UPD75P308 Datasheet HTML 30Page - Renesas Technology Corp UPD75P308 Datasheet HTML 31Page - Renesas Technology Corp UPD75P308 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
µPD75P308
26
*1: These symbols are the corresponding
µPD27C256 symbols.
2: The internal address signal is incremented by 1 at the fourth rising edge of X1 input. The internal
address is not connected to any pin.
Parameter
Symbol
*1
Conditions
MIN.
TYP.
MAX.
Unit
tAS
tAS
tM1S
tOES
tDS
tDS
tAH
tAH
tDH
tDH
tDF
tDF
tVPS
tVPS
tVDS
tVCS
tPW
tPW
tOPW
tOPW
tMOS
tCES
tDV
tDV
tM1H
tOEH
tM1R
tOR
tPCR
–
tXH,tXL
–
fX
–
tI
–
tM3S
–
tM3H
–
tM3SR
–
tDAD
tACC
tHAD
tOH
tM3HR
–
tDFR
–
MD0 = MD1 = VIL
tM1H + tM1R
≥ 50
µs
When data is read from program memory
When data is read from program memory
When data is read from program memory
When data is read from program memory
When data is read from program memory
2
µs
2
µs
2
µs
2
µs
2
µs
0
130
ns
2
µs
2
µs
0.95
1.0
1.05
ms
0.95
21.0
ms
2
µs
1
µs
2
µs
2
µs
10
µs
0.125
µs
4.19
MHz
2
µs
2
µs
2
µs
2
µs
2
µs
0
130
ns
2
µs
2
µs
Address Set-Up Time*2 (vs.MD0
↓)
MD1 Set-Up Time (vs. MD0
↓)
Data Set-Up Time (vs. MD0
↓)
Address Hold Time*2 (vs.MD0
↑)
Data Hold Time (vs. MD0
↑)
MD0
↑→ Data Output Float Delay Time
VPP Set-Up Time (vs. MD3
↑)
VDD Set-Up Time (vs. MD3
↑)
Initial Program Pulse Width
Additional Program Pulse Width
MD0 Set-Up Time (vs. MD1
↑)
MD0
↓→ Data Output Delay Time
MD1 Hold Time (vs. MD0
↑)
MD1 Recovery Time (vs. MD0
↓)
Program Counter Reset Time
X1 Input High-/Low- Level Width
X1 Input Frequency
Initial Mode Set Time
MD3 Set-Up Time (vs. MD1
↑)
MD3 Hold Time (vs. MD1
↓)
MD3 Set-Up Time (vs. MD0
↓)
Address*2
→ Data Output Delay Time
Address*2
→ Data Output Hold Time
MD3 Hold Time (vs. MD0
↑)
MD3
↓→ Data Output Float Delay Time
Notes 1: VPP must not exceed +13.5 V, including the overshoot.
2: Apply VDD before VPP and disconnect it after VPP.
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
0.7 VDD
VDD
V
VDD –0.5
VDD
V
0
0.3 VDD
V
0
0.4
V
10
µA
VDD –1.0
V
0.4
V
30
mA
30
mA
Other than X1 or X2
X1 and X2
Other than X1 or X2
X1 and X2
VIN = VIL or VIH
IOH = –1 mA
IOL = 1.6 mA
MD0 = VIL, MD1 = VIH
VIH1
VIH2
VIL1
VIL2
ILI
VOH
VOL
IDD
IPP
High-Level Input Voltage
Low-Level Input Voltage
Input Leakage Current
High-Level Output Voltage
Low-Level Output Voltage
VDD Supply Current
VPP Supply Current
AC PROGRAMMING CHARACTERISTICS (Ta = 25
±5°C, VDD = 6.0±0.25V, VPP = 12.5±0.3V, VSS = 0V)
DC PROGRAMMING CHARACTERISTICS (Ta = 25
±5°C, VDD = 6.0±0.25V, VPP = 12.5±0.3V, VSS = 0V)
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com