Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78P018F Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # UPD78P018F
Description  MOS INTEGRATED CIRCUIT
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P018F Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button UPD78P018F Datasheet HTML 31Page - Renesas Technology Corp UPD78P018F Datasheet HTML 32Page - Renesas Technology Corp UPD78P018F Datasheet HTML 33Page - Renesas Technology Corp UPD78P018F Datasheet HTML 34Page - Renesas Technology Corp UPD78P018F Datasheet HTML 35Page - Renesas Technology Corp UPD78P018F Datasheet HTML 36Page - Renesas Technology Corp UPD78P018F Datasheet HTML 37Page - Renesas Technology Corp UPD78P018F Datasheet HTML 38Page - Renesas Technology Corp UPD78P018F Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
33
µPD78P018F
Main system clock: Ceramic resonator (TA = –20 to +80
°C)
Frequency
Recommended
Oscillation
Manufacturer
Name
Oscillator Constants
Voltage Range
Remarks
(MHZ)
C1 (pF)
C2 (pF)
MIN. (V) MAX. (V)
Kyocera
PBRC4.00A
4.00
33
33
1.8
5.5
Surface mounting type
Corporation
PBRC4.00B
4.00
On-Chip On-Chip
1.8
5.5
On-chip capacitor, surface mounting type
KBR-4.00MSA
4.00
33
33
1.8
5.5
Insertion type
KBR-4.00MKS
4.00
On-Chip On-Chip
1.8
5.5
On-chip capacitor, insertion type
PBRC5.00A
5.00
33
33
1.8
5.5
Surface mounting type
PBRC5.00B
5.00
On-Chip On-Chip
1.8
5.5
On-chip capacitor, surface mounting type
KBR-5.00MSA
5.00
33
33
1.8
5.5
Insertion type
KBR-5.00MKS
5.00
On-Chip On-Chip
1.8
5.5
On-chip capacitor, insertion type
KBR-8M
8.00
33
33
2.7
5.5
Insertion type
KBR-10M
10.00
33
33
2.7
5.5
Insertion type
Caution
The oscillator constant and oscillation voltage range indicate conditions of stable oscillation. The
oscillation frequency precision is not guaranteed. For applications requiring oscillation frequency
precision, the oscillation frequency must be adjusted on the implementation circuit. For details,
please contact directly the manufacturer of the resonator you will use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com