Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78P018F Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # UPD78P018F
Description  MOS INTEGRATED CIRCUIT
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P018F Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button UPD78P018F Datasheet HTML 56Page - Renesas Technology Corp UPD78P018F Datasheet HTML 57Page - Renesas Technology Corp UPD78P018F Datasheet HTML 58Page - Renesas Technology Corp UPD78P018F Datasheet HTML 59Page - Renesas Technology Corp UPD78P018F Datasheet HTML 60Page - Renesas Technology Corp UPD78P018F Datasheet HTML 61Page - Renesas Technology Corp UPD78P018F Datasheet HTML 62Page - Renesas Technology Corp UPD78P018F Datasheet HTML 63Page - Renesas Technology Corp UPD78P018F Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
58
µPD78P018F
10. CHARACTERISTIC CURVE (REFERENCE VALUE)
IDD vs. VDD (Main System Clock: 10.0 MHz)
10.0
5.0
1.0
0.5
0.1
0.05
0.01
0.005
0.001
01234
Supply Voltage VDD [V]
5678
TA = 25
°C
PCC = 00H
PCC = 01H
PCC = B0H
PCC = 02H
PCC = 03H
PCC = 04H
PCC = 30H
HALT (X1 Oscillation, XT1 Halt)
HALT (X1 Halt, XT1 Oscillation)
fX = 10.0 MHz
fXT = 32.768 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com