Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78P048A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD78P048A
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P048A Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD78P048A Datasheet HTML 1Page - Renesas Technology Corp UPD78P048A Datasheet HTML 2Page - Renesas Technology Corp UPD78P048A Datasheet HTML 3Page - Renesas Technology Corp UPD78P048A Datasheet HTML 4Page - Renesas Technology Corp UPD78P048A Datasheet HTML 5Page - Renesas Technology Corp UPD78P048A Datasheet HTML 6Page - Renesas Technology Corp UPD78P048A Datasheet HTML 7Page - Renesas Technology Corp UPD78P048A Datasheet HTML 8Page - Renesas Technology Corp UPD78P048A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
1993
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD78P048A
8-BIT SINGLE-CHIP MICROCONTROLLER
DESCRIPTION
The
µPD78P048A is a product in the µPD78044F subseries within the 78K/0 series, in which the internal ROM
of the
µPD78042F, 78043F, 78044F, and 78045F is replaced with one-time PROM or EPROM.
As the
µPD78P048A is user-programmable, it is ideal for evaluation in system development, short-run and multiple-
device production, and early start-up.
Details of functions are described in the User's Manuals shown below. Be sure to read in design.
µPD78044F subseries User's Manual: U10908E
78K/0 series User's Manual -Instruction: U12326E
FEATURES
•
Pin compatible with mask ROM products (except the VPP pin)
•
Internal PROM: 60K bytesNote 1
•
Internal high-speed RAM: 1024 bytesNote 1
•
Internal expansion RAM: 1024 bytesNote 2
•
Buffer RAM: 64 bytes
•
FIPTM display RAM: 48 bytes
•
Operable in the same supply voltage as mask ROM products: VDD = 2.7 to 6.0 V (except A/D converter)
A/D converter supply voltage: AVDD = 4.0 to 6.0
Notes 1.
Internal PROM and internal high-speed RAM capacities can be changed by memory size switch-
ing register (IMS).
2.
Internal expansion RAM capacity can be changed by internal expansion RAM size switching
register (IXS).
Remark
For the difference between ROM products and mask ROM products, refer to 1. DIFFERENCES
BETWEEN
µPD78P048A AND MASK ROM PRODUCTS.
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
Document No. U10611EJ2V1DS00 (2nd edition)
Date Published August 2005 N CP(K)
Printed in Japan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com