Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78P048A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPD78P048A
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P048A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPD78P048A Datasheet HTML 6Page - Renesas Technology Corp UPD78P048A Datasheet HTML 7Page - Renesas Technology Corp UPD78P048A Datasheet HTML 8Page - Renesas Technology Corp UPD78P048A Datasheet HTML 9Page - Renesas Technology Corp UPD78P048A Datasheet HTML 10Page - Renesas Technology Corp UPD78P048A Datasheet HTML 11Page - Renesas Technology Corp UPD78P048A Datasheet HTML 12Page - Renesas Technology Corp UPD78P048A Datasheet HTML 13Page - Renesas Technology Corp UPD78P048A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
µPD78P048A
8
Data Sheet U10611EJ2V1DS
(2) PROM programming mode
Cautions 1. (L)
: Individually connect to VSS via a pull-down resistor.
2. VSS
: Connect to ground.
3. RESET : Set to low level.
4. Open
: No connection.
A0 to A16 : Address Bus
RESET: Reset
D0 to D7 : Data Bus
VDD
: Power Supply
CE
: Chip Enable
VPP
: Programming Power Supply
OE
: Output Enable
VSS
: Ground
PGM
: Program
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
VDD
A7
A6
A5
A4
A3
A2
A1
A0
RESET
VSS
CE
OE
(L)
(L)
(L)
A12
A13
A14
A15
VDD
VPP
A9
PGM
D0
D1
D2
(L)
(L)
25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65
(L)
(L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com