Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD3V3F2UT Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PESD3V3F2UT
Description  ESD protection diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD3V3F2UT Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PESD3V3F2UT Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD3V3F2UT Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD3V3F2UT Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD3V3F2UT Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD3V3F2UT Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD3V3F2UT Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD3V3F2UT Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESD3V3F2UT Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESD3V3F2UT Datasheet HTML 11Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Nexperia
PESD3V3F2UT
ESD protection diode
11. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT23
TO-236AB
sot023_po
14-06-19
14-09-22
Plastic surface-mounted package; 3 leads
SOT23
bp
D
A
A1
Lp
Q
HE
E
0
1
2 mm
scale
c
1
2
3
B
w
B
e
e1
v
A
A
X
Unit
mm
max
nom
min
1.1
0.1
0.15 3.0
1.4
0.2
A
Dimensions (mm are the original dimensions)
A1
bp
0.48
c
D
E
e
e1
0.95
HE
Lp
Q
v
w
0.1
1.9
2.1 0.15
0.9
0.09 2.8
1.2
0.38
2.5 0.45
0.45
0.55
detail X
Fig. 10. Package outline SOT23
PESD3V3F2UT
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
8 February 2021
7 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com