Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD3V3F2UT Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PESD3V3F2UT
Description  ESD protection diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD3V3F2UT Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PESD3V3F2UT Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD3V3F2UT Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD3V3F2UT Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD3V3F2UT Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD3V3F2UT Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD3V3F2UT Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD3V3F2UT Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD3V3F2UT Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD3V3F2UT Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PESD3V3F2UT
ESD protection diode
8 February 2021
Product data sheet
1. General description
ESD protection device in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic
package designed to protect two high-speed data lines from the damage caused by ElectroStatic
discharge (ESD) and other transients. This product protects especially multimedia applications
such as USB, HDMI and others.
2. Features and benefits
• Reverse stand-off voltage: VRWM = 3.3 V
• Low clamping voltage: VCL= 3.3 V at ITLP = 8 A
• ESD protection up to 8 kV (IEC 61000-4-2)
• Ultra low capacitance: Cd = 0.56 pF
• ESD protection up to 8 kV (ISO 10605; C = 150 pF; R = 330 Ω)
• High temperature capability: Tj = 175 °C
3. Applications
ESD protection for high-speed data lines
• USB2.0, HDMI, DisplayPort, eSATA and LVDS
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff
voltage
Tamb = 25 °C
-
-
3.3
V
IPPM
rated peak pulse
current
tp = 8/20 µs
[1] [2] -
-
4
A
Cd
diode capacitance
f = 1 MHz; VR = 0 V; Tamb = 25 °C
[2]
-
0.56
0.7
pF
[1] According to IEC 61000-4-5.
[2] Measured from pin 1 or 2 to pin 3.


Similar Part No. - PESD3V3F2UT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD3V3F1BSF NEXPERIA-PESD3V3F1BSF Datasheet
152Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
More results

Similar Description - PESD3V3F2UT

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
ESD Protection Diode
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
ESD Protection diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
ESD Protection Diode
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
ESD Protection Diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
ESD Protection diode
logo
ON Semiconductor
ESD8018 ONSEMI-ESD8018 Datasheet
176Kb / 11P
ESD Protection Diode
July, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com