Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78P4908 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD78P4908
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P4908 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD78P4908 Datasheet HTML 35Page - Renesas Technology Corp UPD78P4908 Datasheet HTML 36Page - Renesas Technology Corp UPD78P4908 Datasheet HTML 37Page - Renesas Technology Corp UPD78P4908 Datasheet HTML 38Page - Renesas Technology Corp UPD78P4908 Datasheet HTML 39Page - Renesas Technology Corp UPD78P4908 Datasheet HTML 40Page - Renesas Technology Corp UPD78P4908 Datasheet HTML 41Page - Renesas Technology Corp UPD78P4908 Datasheet HTML 42Page - Renesas Technology Corp UPD78P4908 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
37
µPD78P4908
Data Sheet U11681EJ2V0DS00
CLOCK OUTPUT OPERATION (TA = –40
°C to +85°C, VDD = AVDD = 4.0 to 5.5 V, AVSS = VSS = 0 V)
Remark n:
Dividing ratio set by software in the CPU (n = 1, 2, 4, 8, and 16)
T:
tCYK (system clock cycle time)
OTHER OPERATIONS (TA = –40
°C to +85 °C, VDD = AVDD = 4.0 to 5.5 V, AVSS = VSS = 0 V)
Note
Use the RESET low-level width to ensure the lapse of the oscillation settling time when the power is applied.
Remark tCYSMP: Sampling clock set by software
tCYCPU: CPU operation clock set by software in the CPU
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
CLKOUT cycle time
CLKOUT low-level width
CLKOUT high-level width
CLKOUT rise time
CLKOUT fall time
Symbol
tCYCL
tCLL
tCLH
tCLR
tCLF
MIN.
79
30
20
30
20
MAX.
32,000
10
20
10
20
Conditions
nT
VDD = 4.5 to 5.5 V, 0.5T – 10
0.5T – 20
VDD = 4.5 to 5.5 V, 0.5T – 10
0.5T – 20
4.5 V
≤ VDD < 5.5 V
4.0 V
≤ VDD < 4.5 V
4.5 V
≤ VDD < 5.5 V
4.0 V
≤ VDD < 4.5 V
Unit
µs
µs
ns
ns
ns
ns
µs
µs
µs
µs
Parameter
NMI low-level width
NMI high-level width
INTP0 low-level width
INTP0 high-level width
Low-level width for INTP1-
INTP3 and CI
High-level width for INTP1-
INTP3 and CI
Low-level width for INTP4 and
INTP5
High-level width for INTP4 and
INTP5
RESET low-level widthNote
RESET high-level width
Symbol
tWNIL
tWNIH
tWIT0L
tWIT0H
tWIT1L
tWIT1H
tWIT2L
tWIT2H
tWRSL
tWRSH
MIN.
10
10
4 tCYSMP
4 tCYSMP
4 tCYCPU
4 tCYCPU
10
10
10
10
MAX.
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com