Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78P4908 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD78P4908
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P4908 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD78P4908 Datasheet HTML 10Page - Renesas Technology Corp UPD78P4908 Datasheet HTML 11Page - Renesas Technology Corp UPD78P4908 Datasheet HTML 12Page - Renesas Technology Corp UPD78P4908 Datasheet HTML 13Page - Renesas Technology Corp UPD78P4908 Datasheet HTML 14Page - Renesas Technology Corp UPD78P4908 Datasheet HTML 15Page - Renesas Technology Corp UPD78P4908 Datasheet HTML 16Page - Renesas Technology Corp UPD78P4908 Datasheet HTML 17Page - Renesas Technology Corp UPD78P4908 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
12
µPD78P4908
Data Sheet U11681EJ2V0DS00
(1) Port pins (2/2)
Pin
P50-P57
P60-P63
P64
P65
P66
P67
P70-P77
P90-P97
P100-P104
P105
P106
P107
I/O
I/O
I/O
I/O
I/O
I/O
Function
Port 5 (P5):
• 8-bit I/O port.
• Inputs and outputs can be specified bit by bit.
• The use of built-in pull-up resistors can be simultaneously specified by
software for all pins in input mode.
• Can drive LED.
Port 6 (P6):
• 8-bit I/O port.
• Inputs and outputs can be specified bit by bit.
• The use of built-in pull-up resistors can be simultaneously specified by
software for all pins in input mode.
Port 7 (P7):
• 8-bit I/O port.
• Inputs and outputs can be specified bit by bit.
Port 9 (P9):
• 8-bit I/O port.
• Inputs and outputs can be specified bit by bit.
• The use of built-in pull-up resistors can be simultaneously specified by
software for all pins in input mode.
Port 10 (P10):
• 8-bit I/O port.
• Inputs and outputs can be specified bit by bit.
• The use of built-in pull-up resistors can be simultaneously specified by
software for all pins in input mode.
• P105 and P107 can be set as the N-ch open-drain pin.
Also used as
A8-A15
A16-A19
RD
WR
WAIT/HLDRQ
REFRQ/HLDAK
ANI0-ANI7
—
—
SCK3
SI3
SO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com