Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC7447AMGH1333LB Datasheet(PDF) 34 Page - ATMEL Corporation

Part # PC7447AMGH1333LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1333LB Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button PC7447AMGH1333LB Datasheet HTML 30Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 31Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 32Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 33Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 34Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 35Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 36Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 37Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
34
5387B–HIREL–07/05
PC7447A [Preliminary]
12. Substrate Capacitors for the PC7447A, 360 HITCE
Figure 12-1 shows the connectivity of the substrate capacitor pads for the PC7447A, 360 HITCE. All capacitors are 100 nF.
Figure 12-1. Substrate Bypass Capacitors for the PC7447A, 360 HITCE
13. System Design Information
This section provides system and thermal design recommendations for successful application of
the PC7447A.
13.1 PLL Configuration
The PC7447A PLL is configured by the PLL_CFG[0:4] signals. For a given SYSCLK (bus) fre-
quency, the PLL configuration signals set the internal CPU and VCO frequency of operation.
The PLL configuration for the PC7447A is shown in Table 13-1 on page 35 for a set of example
frequencies. In this example, shaded cells represent settings that, for a given SYSCLK fre-
quency, result in core and/or VCO frequencies that do not comply with the 1400 MHz column in
Table 9-2 on page 25. When enabled, dynamic frequency switching (DFS) also affects the core
frequency by halving the bus-to-core multiplier; see section ”Dynamic Frequency Switching
(DFS)” on page 17 for more information.
C1-2
C1-1
C2-1
C3-1
C4-1
C5-1
C6-1
C6-2
C5-2
C4-2
C3-2
C2-2
C18-1
C18-2 C17-2 C16-2
C15-2 C14-2
C13-2
C13-1
C14-1
C15-1
C16-1
C17-1
A1 CORNER
C1
GND
VDD
C2
GND
VDD
C3
GND
OVDD
C4
GND
VDD
C5
GND
VDD
C6
GND
VDD
C7
GND
VDD
C8
GND
VDD
C9
GND
VDD
C10
GND
VDD
C11
GND
VDD
C12
GND
VDD
C13
GND
VDD
C14
GND
VDD
C15
GND
VDD
C16
GND
OVDD
C17
GND
VDD
C18
GND
OVDD
C19
GND
OVDD
C20
GND
VDD
C21
GND
OVDD
C22
GND
VDD
C23
GND
OVDD
C24
GND
VDD
Capacitor
Pad Number
-1
-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com