Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC7447AMGH1333LB Datasheet(PDF) 40 Page - ATMEL Corporation

Part # PC7447AMGH1333LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1333LB Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button PC7447AMGH1333LB Datasheet HTML 36Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 37Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 38Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 39Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 40Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 41Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 42Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 43Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 44Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
40
5387B–HIREL–07/05
PC7447A [Preliminary]
13.7 JTAG Configuration Signals
Boundary-scan testing is enabled through the JTAG interface signals. The TRST signal is
optional in the IEEE 1149.1 specification but is provided on all processors that implement the
PowerPC architecture. While it is possible to force the TAP controller to the reset state using
only the TCK and TMS signals, more reliable power-on reset performance will be obtained if the
TRST signal is asserted during power-on reset. Because the JTAG interface is also used for
accessing the common on-chip processor (COP) function, simply tying TRST to HRESET is not
practical.
The COP function of these processors allows a remote computer system (typically a PC with
dedicated hardware and debugging software) to access and control the internal operations of
the processor. The COP interface connects primarily through the JTAG port of the processor,
with some additional status monitoring signals. The COP port requires the ability to indepen-
dently assert HRESET or TRST in order to fully control the processor. If the target system has
independent reset sources, such as voltage monitors, watchdog timers, power supply failures, or
push-button switches, then the COP reset signals must be merged into these signals with logic.
The arrangement shown in Figure 13-3 on page 41 allows the COP port to independently assert
HRESET or TRST, while ensuring that the target can drive HRESET as well. If the JTAG inter-
face and COP header will not be used, TRST should be tied to HRESET through a 0
Ω. isolation
resistor so that it is asserted when the system reset signal (HRESET) is asserted, ensuring that
the JTAG scan chain is initialized during power-on. Although Freescale recommends that the
COP header be designed into the system as shown in Figure 13-3 on page 41, if this is not pos-
sible, the isolation resistor will allow future access to TRST in the case where a JTAG interface
may need to be wired onto the system in debug situations. The COP header shown in Figure 13-
3 on page 41 adds many benefits—breakpoints, watchpoints, register and memory examina-
tion/modification, and other standard debugger features are possible through this interface—and
can be as inexpensive as an unpopulated footprint for a header to be added when needed.
The COP interface has a standard header for connection to the target system, based on the
0.025 inch square-post, 0.100 inch centered header assembly (often called a Berg header). The
connector typically has pin 14 removed as a connector key.
There is no standardized way to number the COP header shown in Figure 13-3 on page 41; con-
sequently, many different pin numbers have been observed from emulator vendors. Some are
numbered top-to-bottom then left-to-right, while others use left-to-right then top-to-bottom, while
still others number the pins counter clockwise from pin 1 (as with an IC). Regardless of the num-
bering, the signal placement recommended in Figure 13-3 on page 41 is common to all known
emulators.
The QACK signal shown in Figure 13-3 on page 41 is usually connected to the PCI bridge chip
in a system and is an input to the PC7447A informing it that it can go into the quiescent state.
Under normal operation this occurs during a low-power mode selection. In order for COP to
work, the PC7447A must see this signal asserted (pulled down). While shown on the COP
header, not all emulator products drive this signal. If the product does not, a pull-down resistor
can be populated to assert this signal. Additionally, some emulator products implement open-
drain type outputs and can only drive QACK asserted; for these tools, a pull-up resistor can be
implemented to ensure this signal is negated when it is not being driven by the tool. Note that the
pull-up and pull-down resistors on the QACK signal are mutually exclusive and it is never neces-
sary to populate both in a system. To preserve correct power-down operation, QACK should be
merged through logic so that it also can be driven by the PCI bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com