Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73871-2AAI/ML Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP73871-2AAI/ML
Description  Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871-2AAI/ML Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP73871-2AAI/ML Datasheet HTML 28Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 29Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 30Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 31Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 32Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 33Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 34Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 35Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
 2008-2022 Microchip Technology Inc. and its subsidiaries
DS20002090F-page 33
MCP73871
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP73871: USB/AC Battery Charger with PPM
Tape and Reel
Option:
(Blank)
T
= Standard packaging (tube or tray)
= Tape and Reel(1)
Output Options * *
* Refer to table below for different operational
options.
** Consult Factory for Alternative Device Options.
Temperature:
I= -40
C to +85C
Package Type:
ML
= Plastic Quad Flat No Lead (QFN),
4x4x0.9 mm Body, 20-lead
PART NO.
-XXX
Output
Device
Options*
X
Temp.
/XX
Package
Examples: **
a) MCP73871-1AAI/ML:
Tube,
4.10V PPM Battery Charger,
20-LD QFN package
b) MCP73871T-1CAI/ML: Tape and Reel,
4.10V PPM Battery Charger,
-40
C to +85C,
20-LD QFN package
c) MCP73871-2AAI/ML:
Tube,
4.20V PPM Battery Charger,
-40°C to +85°C,
20-LD QFN package
d) MCP73871T-2CCI/ML: Tape and Reel,
4.20V PPM Battery Charger,
-40°C to +85°C,
20-LD QFN package
e) MCP73871-3CAI/ML:
Tube,
4.35V PPM Battery Charger,
-40°C to +85°C,
20-LD QFN package
f) MCP73871T-4CCI/ML: Tape and Reel,
4.40V PPM Battery Charger,
-40°C to +85°C,
20-LD QFN package
** Consult Factory for Alternative Device Options
[T](1)
Tape and Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
* Operational Output Options
Output
Options
VREG
Safety Timer
Duration (Hours)
LBO Voltage
Threshold (V)
1AA
4.10V
Disabled
Disabled
1CA
4.10V
6
Disabled
1CC
4.10V
6
3.1
2AA
4.20V
Disabled
Disabled
2CA
4.20V
6
Disabled
2CC
4.20V
6
3.1
3CA
4.35V
6
Disabled
3CC
4.35V
6
3.1
4CA
4.40V
6
Disabled
4CC
4.40V
6
3.1
** Consult Factory for Alternative Device Options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com