Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73871-2AAI/ML Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP73871-2AAI/ML
Description  Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871-2AAI/ML Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP73871-2AAI/ML Datasheet HTML 7Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 8Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 9Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 10Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 11Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 12Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 13Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 14Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
 2008-2022 Microchip Technology Inc. and its subsidiaries
DS20002090F-page 11
MCP73871
Note: Unless otherwise indicated, VIN =[VREG(typical) + 1V], IOUT = 10 mA and TA = +25°C, Constant Voltage mode.
FIGURE 2-13:
Charge Current (IOUT) vs.
Ambient Temperature (TA).
FIGURE 2-14:
Charge Current (IOUT) vs.
Junction Temperature (TJ).
FIGURE 2-15:
Charge Current (IOUT) vs.
Junction Temperature (TJ).
FIGURE 2-16:
Charge Current (IOUT) vs.
Junction Temperature (TJ).
FIGURE 2-17:
Thermistor Current (ITHERM)
vs. Supply Voltage (VDD).
FIGURE 2-18:
Thermistor Current (ITHERM)
vs. Ambient Temperature (TA).
41
43
45
47
49
51
53
55
-45
-30
-15
0
15
30
45
60
75
90
Ambient Temperature (°C)
RPROG = 20 kΩ
VDD = 5.2V
0
200
400
600
800
1000
1200
25
50
75
100
125
150
Ambient Temperature (°C)
V
DD = 5.2V
R
PROG = 1 k
0
100
200
300
400
500
600
25
50
75
100
125
150
Ambient Temperature (°C)
V
DD = 5.2V
R
PROG = 2 k
0
20
40
60
80
100
120
25
50
75
100
125
150
Ambient Temperature (°C)
V
DD = 5.2V
R
PROG = 10 k
47.0
47.5
48.0
48.5
49.0
49.5
50.0
50.5
51.0
51.5
52.0
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
Supply Voltage (V)
Temperature = +25°C
47.0
47.5
48.0
48.5
49.0
49.5
50.0
50.5
51.0
51.5
52.0
-45 -30 -15
0
15
30
45
60
75
90
Ambient Temperature (°C)
VDD = 5.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com