Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF24J40 Datasheet(PDF) 22 Page - Microchip Technology

Part # MRF24J40
Description  IEEE 802.15.4™ 2.4 GHz RF Transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MRF24J40 Datasheet HTML 18Page - Microchip Technology MRF24J40 Datasheet HTML 19Page - Microchip Technology MRF24J40 Datasheet HTML 20Page - Microchip Technology MRF24J40 Datasheet HTML 21Page - Microchip Technology MRF24J40 Datasheet HTML 22Page - Microchip Technology MRF24J40 Datasheet HTML 23Page - Microchip Technology MRF24J40 Datasheet HTML 24Page - Microchip Technology MRF24J40 Datasheet HTML 25Page - Microchip Technology MRF24J40 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 151 page
background image
MRF24J40
DS30009776E-page 22
Preliminary
 2021 Microchip Technology Inc.
2.15.3
SHORT ADDRESS CONTROL
REGISTERS DETAIL
REGISTER 2-1:
RXMCR: RECEIVE MAC CONTROL REGISTER (ADDRESS: 0x00)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
r
r
NOACKRSP
r
PANCOORD
COORD
ERRPKT
PROMI
bit 7
bit 0
Legend:
r = reserved
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Reserved: Maintain as ‘0’
bit 5
NOACKRSP: Automatic Acknowledgement Response bit
1 = Disables automatic Acknowledgement response
0 = Enables automatic Acknowledgement response. Acknowledgements are returned when they are
requested (default).
bit 4
Reserved: Maintain as ‘0’
bit 3
PANCOORD: PAN Coordinator bit
1 = Set device as PAN coordinator
0 = Device is not set as PAN coordinator (default)
bit 2
COORD: Coordinator bit
1 = Set device as coordinator
0 = Device is not set as coordinator (default)
bit 1
ERRPKT: Packet Error Mode bit
1 = Accept all packets including those with CRC error
0 = Accept only packets with good CRC (default)
bit 0
PROMI: Promiscuous Mode bit
1 = Receive all packet types with good CRC
0 = Discard packet when there is a MAC address mismatch, illegal frame type, dPAN/sPAN or MAC
short address mismatch (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com