Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF24J40T-I/ML Datasheet(PDF) 17 Page - Microchip Technology

Part # MRF24J40T-I/ML
Description  IEEE 802.15.4™ 2.4 GHz RF Transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40T-I/ML Datasheet(HTML) 17 Page - Microchip Technology

Back Button MRF24J40T-I/ML Datasheet HTML 13Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 14Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 15Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 16Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 17Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 18Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 19Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 20Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 151 page
background image
 2021 Microchip Technology Inc.
Preliminary
DS30009776E-page 17
MRF24J40
2.15.2
CONTROL REGISTER SUMMARY
TABLE 2-6:
SHORT ADDRESS CONTROL REGISTER SUMMARY FOR MRF24J40
Addr.
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Details
on
Page:
0x00 RXMCR
r
rNOACKRSP
r
PANCOORD
COORD
ERRPKT
PROMI
0000
0000
22
0x01 PANIDL
PAN ID Low Byte (PANIDL[7:0])
0000
0000
23
0x02 PANIDH
PAN ID High Byte (PANIDH[15:8])
0000
0000
23
0x03 SADRL
Short Address Low Byte (SADRL[7:0])
0000
0000
24
0x04 SADRH
Short Address High Byte (SADRH[15:8])
0000
0000
24
0x05 EADR0
64-Bit Extended Address bits (EADR0[7:0])
0000
0000
25
0x06 EADR1
64-Bit Extended Address bits (EADR1[15:8])
0000
0000
25
0x07 EADR2
64-Bit Extended Address bits (EADR2[23:16])
0000
0000
25
0x08 EADR3
64-Bit Extended Address bits (EADR3[31:24])
0000
0000
26
0x09 EADR4
64-Bit Extended Address bits (EADR4[39:32])
0000
0000
26
0x0A EADR5
64-Bit Extended Address bits (EADR5[47:40])
0000
0000
26
0x0B EADR6
64-Bit Extended Address bits (EADR6[55:48])
0000
0000
27
0x0C EADR7
64-Bit Extended Address bits (EADR7[63:56])
0000
0000
27
0x0D RXFLUSH
r
WAKEPOL
WAKEPAD
r
CMDONLY
DATAONLY
BCNONLY
RXFLUSH
0000
0000
28
0x0E Reserved
r
r
r
r
r
r
r
r
0000
0000
—
0x0F Reserved
r
r
r
r
r
r
r
r
0000
0000
—
0x10 ORDER
BO3
BO2
BO1
BO0
SO3
SO2
SO1
SO0
1111
1111
29
0x11 TXMCR
NOCSMA
BATLIFEXT
SLOTTED
MACMINBE1
MACMINBE0
CSMABF2
CSMABF1
CSMABF0
0001
1100
30
0x12 ACKTMOUT
DRPACK
MAWD6
MAWD5
MAWD4
MAWD3
MAWD2
MAWD1
MAWD0
0011
1001
31
0x13 ESLOTG1
GTS1-3
GTS1-2
GTS1-1
GTS1-0
CAP3
CAP2
CAP1
CAP0
0000
0000
32
0x14 SYMTICKL
TICKP7
TICKP6
TICKP5
TICKP4
TICKP3
TICKP2
TICKP1
TICKP0
0100
0000
33
0x15 SYMTICKH
TXONT6
TXONT5
TXONT4
TXONT3
TXONT2
TXONT1
TXONT0
TICKP8
0101
0001
33
0x16 PACON0
PAONT7
PAONT6
PAONT5
PAONT4
PAONT3
PAONT2
PAONT1
PAONT0
0010
1001
34
0x17 PACON1
r
r
r
PAONTS3
PAONTS2
PAONTS1
PAONTS0
PAONT8
0000
0010
34
0x18 PACON2
FIFOEN
r
TXONTS3
TXONTS2
TXONTS1
TXONTS0
TXONT8
TXONT7
1000
1000
35
0x19 Reserved
r
r
r
r
r
r
r
r
0000
0000
—
0x1A TXBCON0
r
r
r
r
r
r
TXBSECEN
TXBTRIG
0000
0000
36
0x1B TXNCON
r
r
r
FPSTAT
INDIRECT
TXNACKREQ
TXNSECEN
TXNTRIG
0000
0000
37
0x1C TXG1CON
TXG1RETRY1
TXG1RETRY0
TXG1SLOT2
TXG1SLOT1
TXG1SLOT0
TXG1ACKREQ
TXG1SECEN
TXG1TRIG
0000
0000
38
0x1D TXG2CON
TXG2RETRY1
TXG2RETRY0
TXG2SLOT2
TXG2SLOT1
TXG2SLOT0
TXG2ACKREQ
TXG2SECEN
TXG2TRIG
0000
0000
38
Legend:
r = reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com