Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1618 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16F1618
Description  Full-Featured, Low Pin Count, High-Temperature Microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1618 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16F1618 Datasheet HTML 7Page - Microchip Technology PIC16F1618 Datasheet HTML 8Page - Microchip Technology PIC16F1618 Datasheet HTML 9Page - Microchip Technology PIC16F1618 Datasheet HTML 10Page - Microchip Technology PIC16F1618 Datasheet HTML 11Page - Microchip Technology PIC16F1618 Datasheet HTML 12Page - Microchip Technology PIC16F1618 Datasheet HTML 13Page - Microchip Technology PIC16F1618 Datasheet HTML 14Page - Microchip Technology PIC16F1618 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
 2019 Microchip Technology Inc.
DS40002077A-page 11
PIC16F1614/8
TABLE 3-2:
DC CHARACTERISTICS: SUPPLY CURRENT(1,2)
PIC16F1614/8
Standard Operating Conditions (unless otherwise stated)
Param.
No.
Device
Characteristics
Min.
Typ†
Max.
Units
Conditions
VDD
Note
D013
—
—
135
A2.5
FOSC = 1 MHz,
External Clock (ECM),
Medium-Power mode
——
160
A3.0
——
210
A5.0
D014
—
—
365
A2.5
FOSC = 4 MHz,
External Clock (ECM),
Medium-Power mode
——
420
A3.0
——
530
A5.0
D017*
—
—
1100
A2.5
FOSC = 8 MHz,
HFINTOSC
——
1300
A3.0
——
1400
A5.0
D018
—
—
1600
A2.5
FOSC = 16 MHz,
HFINTOSC
——
1900
A3.0
——
2100
A5.0
D020C
—
—
65
A2.5
FOSC = 500 kHz,
External Clock (ECL),
Low-Power mode
——
100
A3.0
——
110
A5.0
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave,
from rail-to-rail; all I/O pins tri-stated, pulled to VSS; MCLR = VDD; WDT disabled.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature, also have
an impact on the current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com