Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1618 Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC16F1618
Description  Full-Featured, Low Pin Count, High-Temperature Microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1618 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16F1618 Datasheet HTML 10Page - Microchip Technology PIC16F1618 Datasheet HTML 11Page - Microchip Technology PIC16F1618 Datasheet HTML 12Page - Microchip Technology PIC16F1618 Datasheet HTML 13Page - Microchip Technology PIC16F1618 Datasheet HTML 14Page - Microchip Technology PIC16F1618 Datasheet HTML 15Page - Microchip Technology PIC16F1618 Datasheet HTML 16Page - Microchip Technology PIC16F1618 Datasheet HTML 17Page - Microchip Technology PIC16F1618 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
 2019 Microchip Technology Inc.
DS40002077A-page 14
PIC16F1614/8
TABLE 3-6:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER,
BROWN-OUT TIMER AND LOW-POWER BROWN-OUT RESET SPECIFICATIONS
PIC16F1614/8
Standard Operating Conditions (unless otherwise stated)
Min.
Typ.†
Max.
+150°C
Units
Conditions
31
TWDTLP
Low-Power Watchdog Timer
Time-out Period
7—
33
ms
VDD = 3.3V-5V,
1:512 Prescaler used
35
VBOR
Brown-out Reset Voltage
—
—
2.9
VBORV = 0
—
———
BORV = 1
TABLE 3-7:
ANALOG-TO-DIGITAL CONVERTER (ADC) CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
VDD = 3.0V, TA = 150°C
Param.
No.
Sym.
Characteristic
Min.
Typ.†
Max.
Units
Conditions
AD04
EOFF
Offset Error
—
—
±3.5
LSB
VREF = 3.0V
TABLE 3-8:
COMPARATOR SPECIFICATIONS
Standard Operating Conditions (unless otherwise stated)
VDD = 3.0V, TA = 150°C
Param.
No.
Sym.
Characteristic
Min.
Typ.†
Max.
Units
Conditions
CM01
VIOFF
Input Offset Voltage
—
—
±70
mV
CxSP = 1, VICM = VDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com