Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD16331 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # UPD16331
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16331 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button UPD16331 Datasheet HTML 8Page - Renesas Technology Corp UPD16331 Datasheet HTML 9Page - Renesas Technology Corp UPD16331 Datasheet HTML 10Page - Renesas Technology Corp UPD16331 Datasheet HTML 11Page - Renesas Technology Corp UPD16331 Datasheet HTML 12Page - Renesas Technology Corp UPD16331 Datasheet HTML 13Page - Renesas Technology Corp UPD16331 Datasheet HTML 14Page - Renesas Technology Corp UPD16331 Datasheet HTML 15Page - Renesas Technology Corp UPD16331 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
10
µPD16331
80 PIN PLASTIC QFP (14 20)
NOTE
Each lead centerline is located within 0.15 mm (0.006 inch) of
its true position (T.P.) at maximum material condition.
detail of lead end
M
F
G
H
I
J
K
M
L
N
P
Q
R
ITEM
MILLIMETERS
INCHES
S
P80GF-80-3B9-3
3.0 MAX.
0.119 MAX.
K
1.8±0.2
0.071 +0.008
–0.009
L
0.8±0.2
0.031 +0.009
–0.008
P
2.7
0.106
N
0.10
0.004
M
0.15
0.006 +0.004
–0.003
Q
0.1±0.1
0.004±0.004
A
23.6±0.4
0.929±0.016
B
20.0±0.2
0.795 +0.009
–0.008
C
14.0±0.2
0.551 +0.009
–0.008
G
F
0.8
1.0
0.031
0.039
D
17.6±0.4
0.693±0.016
J
0.8 (T.P.)
0.031 (T.P.)
I
0.15
0.006
H
0.35±0.10
0.014 +0.004
–0.005
+0.10
–0.05
64
65
40
80
1
25
24
41
A
B
CD
S
R5
°±5°
5
°±5°
PACKAGE DRAWING
Caution Since there are two type packages which lead length is different, need designing to be able to use two
packages. (note: page 10, 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com