Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD16331 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD16331
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16331 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD16331 Datasheet HTML 10Page - Renesas Technology Corp UPD16331 Datasheet HTML 11Page - Renesas Technology Corp UPD16331 Datasheet HTML 12Page - Renesas Technology Corp UPD16331 Datasheet HTML 13Page - Renesas Technology Corp UPD16331 Datasheet HTML 14Page - Renesas Technology Corp UPD16331 Datasheet HTML 15Page - Renesas Technology Corp UPD16331 Datasheet HTML 16Page - Renesas Technology Corp UPD16331 Datasheet HTML 17Page - Renesas Technology Corp UPD16331 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
12
µPD16331
RECOMMENDED SOLDERING CONDITIONS
Please perform the soldered mounting of this product under the following recommended conditions.
For soldering methods and conditions other than those recommended here, please contact your NEC sales represen-
tative.
Surface Mount Type
For details on recommended soldering conditions, please refer to the “Semiconductor Device Mounting Technol-
ogy Manual” (C10535E).
µPD16306AGF-3BA
Soldering Method
Soldering Conditions
Recommended Conditions
Symbol
Infrared Reflow
Package peak temperature: 235
°C, time: up to 30 sec.
IR-35-207-2
(no less than 210
°C), count: twice, restricted number of days: less than
7 daysNote
VPS
Package peak temperature: 215
°C, time: up to 40 sec.
VP15-207-1
(no less than 200
°C), count: once, restricted number of days:
less than 7 daysNote
Pin Part Heating
Pin part temperature: no more than 300
°C, time: up to 10 sec.,
restricted number of days: noneNote
Note This refers to the restricted number of days for storage after decapsulating the dry pack. The storage conditions
are no more than 25
°C and 65 % RH.
Caution
Please avoid mixing use of soldering methods (except for pin part heating methods).
References
NEC Semiconductor Device Reliability/Quality Control System (IEI-1212)
Quality Grades of NEC Semiconductor Devices (C11531E)
Semiconductor Device Mounting Technology Manual (C10535E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com