Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74LVC2G00CLE Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LVC2G00CLE
Description  Dual 2-Input NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2G00CLE Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LVC2G00CLE Datasheet HTML 1Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 2Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 3Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74LVC2G00
Rev.1.00 Mar. 16, 2005 page 4 of 7
Electrical Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test condition
1.65 to 1.95
VCC
×0.65
—
—
2.3 to 2.7
1.7
—
—
3.0 to 3.6
2.0
—
—
VIH
4.5 to 5.5
VCC
×0.7
—
—
1.65 to 1.95
—
—
VCC
×0.35
2.3 to 2.7
—
—
0.7
3.0 to 3.6
—
—
0.8
Input voltage
VIL
4.5 to 5.5
—
—
VCC
×0.3
V
Min to Max
VCC–0.1
—
—
IOH = –100
µA
1.65
1.2
—
—
IOH = –4 mA
2.3
1.9
—
—
IOH = –8 mA
2.4
—
—
IOH = –16 mA
3.0
2.3
—
—
IOH = –24 mA
VOH
4.5
3.8
—
—
IOH = –32 mA
Min to Max
—
—
0.1
IOL = 100
µA
1.65
—
—
0.45
IOL = 4 mA
2.3
—
—
0.3
IOL = 8 mA
—
—
0.4
IOL = 16 mA
3.0
—
—
0.55
IOL = 24 mA
Output voltage
VOL
4.5
—
—
0.55
V
IOL = 32 mA
Input current
IIN
0 to 5.5
—
—
±5
µA VIN = 5.5 V or GND
ICC
1.65 to 5.5
—
—
10
VIN = VCC or GND,
IO = 0
Quiescent
supply current
∆ICC
3 to 5.5
—
—
500
µA
One input at VCC–0.6 V,
Other input at VCC or GND
Output leakage
current
IOFF
0
—
—
±10
µA VIN or VO = 0 to 5.5 V
Input capacitance
CIN
3.3
—
5
—
pF
VIN = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com