Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74LVC2G00CLE Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LVC2G00CLE
Description  Dual 2-Input NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2G00CLE Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LVC2G00CLE Datasheet HTML 1Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 2Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 3Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.1.00 Mar. 16, 2005 page 1 of 7
HD74LVC2G00
Dual 2–Input NAND Gate
REJ03D0214–0100
Rev.1.00
Mar. 16, 2005
Description
The HD74LVC2G00 has dual 2–input NAND gate in an 8-pin package. Low voltage and high-speed operation is
suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the
battery life.
Features
• The basic gate function is lined up as renesas uni logic series.
• Supply voltage range: 1.65 to 5.5 V
Operating temperature range: –40 to +85°C
• All inputs:
VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
All outputs:
VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current:
±4 mA (@VCC = 1.65 V)
±8 mA (@VCC = 2.3 V)
±24 mA (@VCC = 3.0 V)
±32 mA (@VCC = 4.5 V)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LVC2G00CLE
WCSP–8 pin
SXBG0008KB–A
(TBS–8AV)
CL
E (3,000 pcs/reel)
Article Indication
E 0 0 Y M
Marking
Year code
Month code


Similar Part No. - HD74LVC2G00CLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC2G126 RENESAS-HD74LVC2G126 Datasheet
2Mb / 8P
Dual Bus Buffer with 3-state Output
HD74LVC2G126CLE RENESAS-HD74LVC2G126CLE Datasheet
2Mb / 8P
Dual Bus Buffer with 3-state Output
HD74LVC2G53 RENESAS-HD74LVC2G53 Datasheet
3Mb / 12P
2-channel Analog Multiplexer/Demultiplexer
HD74LVC2G53CLE RENESAS-HD74LVC2G53CLE Datasheet
3Mb / 12P
2-channel Analog Multiplexer/Demultiplexer
HD74LVC2G53CPE RENESAS-HD74LVC2G53CPE Datasheet
3Mb / 12P
2-channel Analog Multiplexer/Demultiplexer
More results

Similar Description - HD74LVC2G00CLE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
Dual 2-input NAND gate
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
logo
NXP Semiconductors
74HC2G00 NXP-74HC2G00 Datasheet
91Kb / 13P
Dual 2-input NAND gate
Rev. 04-3 July 2008
logo
Toshiba Semiconductor
TC7W00FK TOSHIBA-TC7W00FK_09 Datasheet
221Kb / 8P
Dual 2-Input NAND Gate
logo
NXP Semiconductors
74LVC2G00DC-G NXP-74LVC2G00DC-G Datasheet
279Kb / 20P
Dual 2-input NAND gate
Rev. 12-8 April 2013
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00_13 Datasheet
125Kb / 6P
Dual 2-Input NAND Gate
July, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74AHC2G00-Q100 NEXPERIA-74AHC2G00-Q100 Datasheet
211Kb / 11P
Dual 2-input NAND gate
74HCT2G00 NEXPERIA-74HCT2G00 Datasheet
208Kb / 11P
Dual 2-input NAND gate
Rev. 6 - 20 November 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com