Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

25AA320A Datasheet(PDF) 14 Page - Microchip Technology

Part # 25AA320A
Description  32K SPI Bus Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA320A Datasheet(HTML) 14 Page - Microchip Technology

Back Button 25AA320A Datasheet HTML 10Page - Microchip Technology 25AA320A Datasheet HTML 11Page - Microchip Technology 25AA320A Datasheet HTML 12Page - Microchip Technology 25AA320A Datasheet HTML 13Page - Microchip Technology 25AA320A Datasheet HTML 14Page - Microchip Technology 25AA320A Datasheet HTML 15Page - Microchip Technology 25AA320A Datasheet HTML 16Page - Microchip Technology 25AA320A Datasheet HTML 17Page - Microchip Technology 25AA320A Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
25AA320A/25LC320A
DS21828C-page 14
© 2007 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Note:
Custom marking available.
8-Lead MSOP (150 mil)
Example:
XXXXXT
YWWNNN
5LBAI
3281L7
T/XXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
8-Lead SOIC
XXXXYYWW
XXXXXXXT
NNN
XXXX
TYWW
8-Lead TSSOP
NNN
I/P
1L7
25LC320A
0328
Example:
Example:
SN
0728
25LC32AI
1L7
1L7
5LBA
I328
Example:
MSOP 1st Line Marking
Device
25AA320A
25LC320A
std mark
TSSOP 1st Line Marking
Device
25AA320A
25LC320A
std mark
5ABA
5LBA
5ABAT
5LBAT
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com