Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDFMA2P029Z Datasheet(PDF) 4 Page - ON Semiconductor

Part # FDFMA2P029Z
Description  P-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDFMA2P029Z Datasheet(HTML) 4 Page - ON Semiconductor

  FDFMA2P029Z Datasheet HTML 1Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 2Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 3Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 4Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 5Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 6Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 7Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDFMA2P029Z, FDFMA2P029Z−F106
www.onsemi.com
4
TYPICAL CHARACTERISTICS
(TJ = 25°C unless otherwise noted)
0.0
0.5
1.0
1.5
2.0
0
1
2
3
4
5
6
PULSE DURATION = 300 ms
DUTY CYCLE = 2.0% MAX
−VDS, DRAIN TO SOURCE VOLTAGE (V)
01
2
5
6
0.6
1.0
1.4
1.8
2.2
2.6
PULSE DURATION = 300 ms
DUTY CYCLE = 2.0% MAX
−50 −25
0
25
50
75
100 125 150
0.6
0.8
1.0
1.2
1.4
1.6
TJ, JUNCTION TEMPERATURE (°C)
02
46
8
10
40
80
120
160
200
−VGS, GATE TO SOURCE VOLTAGE (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
6
−VGS, GATE TO SOURCE VOLTAGE (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0001
0.01
0.1
1
10
−VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = −4.5 V
VGS = −3.0 V
VGS = −2.5 V
VGS = −2.0 V
VGS = −1.5 V
Figure 1. On Region Characteristics
34
VGS = −4.5 V
VGS = −3.0 V
VGS = −2.5 V
VGS = −2.0 V
VGS = −3.5 V
Figure 2. Normalized On−Resistance vs. Drain
Current and Gate Voltage
−ID, DRAIN CURRENT (A)
Figure 3. Normalized On−Resistance vs.
Junction Temperature
Figure 4. On−Resistance vs. Gate to Source
Voltage
0.001
ID = −3.1 A
VGS = −4.5 V
PULSE DURATION = 300 ms
DUTY CYCLE = 2.0% MAX
TJ = 125°C
ID = −1.55 A
TJ = 25°C
Figure 5. Transfer Characteristics
Figure 6. Source to Drain Diode Forward Voltage
vs. Source Current
PULSE DURATION = 300 ms
DUTY CYCLE = 2.0% MAX
VDD = −5 V
TJ = 125°C
TJ = 25°C
TJ = −55°C
VGS = 0 V
TJ = 125°C
TJ = 25°C
TJ = −55°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com