Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD63335 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD63335
Description  MOS INTEGRATED CIRCUITS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD63335 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD63335 Datasheet HTML 35Page - Renesas Technology Corp UPD63335 Datasheet HTML 36Page - Renesas Technology Corp UPD63335 Datasheet HTML 37Page - Renesas Technology Corp UPD63335 Datasheet HTML 38Page - Renesas Technology Corp UPD63335 Datasheet HTML 39Page - Renesas Technology Corp UPD63335 Datasheet HTML 40Page - Renesas Technology Corp UPD63335 Datasheet HTML 41Page - Renesas Technology Corp UPD63335 Datasheet HTML 42Page - Renesas Technology Corp UPD63335 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
Data Sheet S15003EJ6V0DS
37
µPD63335
2.1.14 OUT master volume registers (12h, 13h)
Read
Address
Write
Address
D7
D6
D5
D4
D3
D2
D1
D0
Default
92h
12h
0
SICK
OMLM
OMLV4
OMLV3
OMLV2
OMLV1
OMLV0
60h
93h
13h
0
SICK
OMRM
OMRV4
OMRV3
OMRV2
OMRV1
OMRV0
60h
These registers are used to set the master volume for OUTL and OUTR and the gain for mixer output to the OUTL
and OUTR pins. The correspondence between bits and gain settings is shown below. Gain can be set in a range
from 0 dB to –46.5 dB, in 1.5 dB steps. The default value is 60h (gain: 0 dB, mute: ON).
• OMLM:
OUTL output mute control bit
• OMRM:
OUTR output mute control bit
• OMLV[4:0]: OUTL output gain control bits
• OMRV[4:0]: OUTR output gain control bits
Table 2-15. Correspondence of Bits and Gain Settings in OUT Master Volume Registers (12h, 13h)
OMLM/OMRM
OMLV[4:0]/OMRV[4:0]
Gain
0
0 0000
0 dB
0
0 0001
−1.5 dB
••
•
••
•
••
•
0
1 1110
−45.0 dB
0
1 1111
−46.5 dB
1
x xxxx
Mute
1
0 0000
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com