Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6103 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6103
Description  Dual High Voltage, High Side Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6103 Datasheet(HTML) 3 Page - Linear Technology

  LTC6103 Datasheet HTML 1Page - Linear Technology LTC6103 Datasheet HTML 2Page - Linear Technology LTC6103 Datasheet HTML 3Page - Linear Technology LTC6103 Datasheet HTML 4Page - Linear Technology LTC6103 Datasheet HTML 5Page - Linear Technology LTC6103 Datasheet HTML 6Page - Linear Technology LTC6103 Datasheet HTML 7Page - Linear Technology LTC6103 Datasheet HTML 8Page - Linear Technology LTC6103 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC6103
3
6103f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC6103C is guaranteed to meet specified performance
from 0°C to 70°C. The LTC6103C is designed, characterized and
ELECTRICAL CHARACTERISTICS
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. RIN = 100Ω, ROUT = 5k, 4V ≤ +INA/+INB ≤ 60V, V
– = 0V unless otherwise
noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I+INA, I+INB
Supply Current per Amplifier
+INA/+INB = 4V, IOUT = 0, RIN = 1M
●
220
450
475
µA
µA
+INA/+INB = 6V, IOUT = 0, RIN = 1M
●
255
475
525
µA
µA
+INA/+INB = 12V, IOUT = 0, RIN = 1M
●
275
500
590
µA
µA
+INA/+INB = 60V, IOUT = 0, RIN = 1M
LTC6103I, LTC6103C
LTC6103H
●
●
390
640
690
720
µA
µA
µA
expected to meet specified performance from –40°C to 85°C but is not
tested or QA sampled at these temperatures. LTC6103I is guaranteed
to meet specified performance from –40°C to 85°C. The LTC6103H is
guaranteed to meet specified performance from –40°C to 125°C.
Note 3: This parameter is not tested in production and is guaranteed
by the VOS test.
TYPICAL PERFORMANCE CHARACTERISTICS
Input VOS vs Temperature
Input VOS vs Supply Voltage
Input Sense Range
TEMPERATURE (
°C)
–40
0
50
100
6103 G01
–50
–100
–200
0
40
80
–20
120
20
60
100
–150
200
150
RIN = 100Ω
ROUT = 5k
VIN = 5mV
3 REPRESENTATIVE UNITS
VSUPPLY AT +INA OR +INB (V)
0
–50
0
50
30
50
6103 G02
–100
–150
–200
10
20
40
100
150
200
60
TA = 125°C
TA = –40°C
TA = 85°C
TA = 45°C
TA = 0°C
RIN = 100Ω
ROUT = 5k
VIN = 5mV
V+ (V)
4
3.0
4.0
12
6103 G03
2.0
1.0
6
8
10
5
7
9
11
5.0
2.5
3.5
1.5
4.5
RIN = 5k
ROUT = 2.5k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com