Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6103 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6103
Description  Dual High Voltage, High Side Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6103 Datasheet(HTML) 4 Page - Linear Technology

  LTC6103 Datasheet HTML 1Page - Linear Technology LTC6103 Datasheet HTML 2Page - Linear Technology LTC6103 Datasheet HTML 3Page - Linear Technology LTC6103 Datasheet HTML 4Page - Linear Technology LTC6103 Datasheet HTML 5Page - Linear Technology LTC6103 Datasheet HTML 6Page - Linear Technology LTC6103 Datasheet HTML 7Page - Linear Technology LTC6103 Datasheet HTML 8Page - Linear Technology LTC6103 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC6103
4
6103f
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT Maximum vs Temperature
IOUT Maximum vs Temperature
Calculated Output Error Due to
Input Offset vs Input Voltage
Gain vs Frequency
Input Bias Current vs Temperature
Supply Current vs Supply Voltage
Step Response 0mV to 10mV
Step Response 10mV to 20mV
TEMPERATURE (
°C)
12
10
8
6
4
2
0
–40
40
80
120
100
–20
6103 G04
020
60
VS = 60V
VS = 12V
VS = 6V
VS = 4V
TEMPERATURE (
°C)
–40
0
1
3
4
5
60
80
100
7
6103 G05
2
–20
0
20
40
120
6
VS = 12V
VS = 60V
VS = 6V
VS = 4V
INPUT VOLTAGE (V)
0.1
1
10
100
0
0.2
0.3
0.4
0.01
0.1
0.5
0.15
0.25
0.35
0.05
0.45
6103 G06
TA = 25°C
GAIN =10
INPUT FREQUENCY (Hz)
10
20
25
35
40
1k
100k
1M
6103 G08
0
10k
30
15
5
IOUT = 200µA
IOUT = 1mA
TA = 25°C
RIN = 100Ω
ROUT = 5k
TEMPERATURE (
°C)
160
140
120
100
80
60
40
20
0
–40
40
80
120
100
–20
6103 G09
020
60
VS = 6V TO 100V
VS = 4V
VSUPPLY AT +INA OR +INB (V)
0
0
50
150
200
250
40
450
6103 G10
100
20
10
50
30
60
300
350
400
TA = 125°C
TA = –40°C
TA = 85°C
TA = 70°C
TA = 0°C
TA = 25°C
VIN = 0V
RIN = 1M
V
+
V
+-10mV
0.5V
0V
TIME (10
µs/DIV)
6103 G11
TA = 25°C
V
+ = 12V
RIN = 100Ω
ROUT = 5k
VSENSE
+ = V+
VSENSE
–
VOUT
V
+-10mV
V
+-20mV
1V
0.5V
TIME (10
µs/DIV)
6103 G12
VOUT
VSENSE
–
TA = 25°C
V
+ = 12V
RIN = 100Ω
ROUT = 5k
VSENSE
+ = V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com